Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28325FBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28325FBZ
Description  40V Low Power Dual and Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28325FBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28325FBZ Datasheet HTML 2Page - Intersil Corporation ISL28325FBZ Datasheet HTML 3Page - Intersil Corporation ISL28325FBZ Datasheet HTML 4Page - Intersil Corporation ISL28325FBZ Datasheet HTML 5Page - Intersil Corporation ISL28325FBZ Datasheet HTML 6Page - Intersil Corporation ISL28325FBZ Datasheet HTML 7Page - Intersil Corporation ISL28325FBZ Datasheet HTML 8Page - Intersil Corporation ISL28325FBZ Datasheet HTML 9Page - Intersil Corporation ISL28325FBZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ISL28325, ISL28345
8
September 27, 2011
FN7854.0
Package Outline Drawing
M8.15E
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
Rev 0, 08/09
Unless otherwise specified, tolerance : Decimal ± 0.05
The pin #1 identifier may be either a mold or mark feature.
Interlead flash or protrusions shall not exceed 0.25mm per side.
Dimension does not include interlead flash or protrusions.
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "A"
SIDE VIEW “A
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
A
B
4
4
0.25
A
MC
B
C
0.10 C
5
ID MARK
PIN NO.1
(0.35) x 45°
SEATING PLANE
GAUGE PLANE
0.25
(5.40)
(1.50)
4.90 ± 0.10
3.90 ± 0.10
1.27
0.43 ± 0.076
0.63 ±0.23
4° ± 4°
DETAIL "A"
0.22 ± 0.03
0.175 ± 0.075
1.45 ± 0.1
1.75 MAX
(1.27)
(0.60)
6.0 ± 0.20
Reference to JEDEC MS-012.
6.
SIDE VIEW “B”


Similar Part No. - ISL28325FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
logo
Renesas Technology Corp
ISL28325FBZ RENESAS-ISL28325FBZ Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
More results

Similar Description - ISL28325FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325 INTERSIL-ISL28325 Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com