Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28177FBZ-T7A Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28177FBZ-T7A
Description  40V General Purpose Precision Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28177FBZ-T7A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28177FBZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28177FBZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
40V General Purpose Precision Operational Amplifier
ISL28177
The ISL28177 is an OP07 replacement featuring low input
offset voltage, low input bias current, and competitive noise
and AC performance. The ESD ratings are best among
competitive parts at 5kV HBM, 300V MM, and 2.2kV CDM. The
amplifier operates over the 6V (±3V) to 40V (±20V) range.
Applications include precision active filters, medical and
analytical instrumentation, precision power supply controls,
and industrial sensors.
The ISL28177 is available in the SOT23-5 and SOIC-8
packages and operates over the extended temperature range
to -40°C to +125°C.
Features
• Wide Supply Range . . . . . . . . . . . . . . . . 6V (±3V) to 40V (±20V)
• Low Input Offset Voltage. . . . . . . . . . . . . . . . . . . . 150µV, Max
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . . .1nA, Max
• Low Noise . . . . . . . . . . . . . . . . . . . . . . . . . . .9.5nV/
√Hz @ 1kHz
• Gain Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600kHz
• Exceptional ESD Performance . . . . . . . . . 5kV HBM, 300V MM,
2.2kV CDM
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
•Packages
- ISL28177 (Single) . . . . . . . . . . . . . . . . . . . SOT23-5, SOIC-8
Applications
• Precision Active Filters
• Medical and Analytical Instrumentation
• Precision Power Supply Controls
• Industrial Sensors
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. INPUT NOISE PERFORMANCE
-
+
OUTPUT
V+
R1
V-
R2
C1
C2
SALLEN-KEY LOW PASS FILTER (10kHz)
VIN
1.84k
4.93k
3.3nF
8.2nF
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
1
10
100
1000
10000
1
10
100
1000
10000
VS = ±18V
INPUT NOISE CURRENT
INPUT NOISE VOLTAGE
April 5, 2012
FN7859.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL28177FBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28177FBZ-T7A RENESAS-ISL28177FBZ-T7A Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
More results

Similar Description - ISL28177FBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com