Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1539EH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQ1539EH
Description  N-and P-Channel 30 V (D-S) 175 °C MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1539EH Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQ1539EH_15 Datasheet HTML 2Page - Vishay Siliconix SQ1539EH_15 Datasheet HTML 3Page - Vishay Siliconix SQ1539EH_15 Datasheet HTML 4Page - Vishay Siliconix SQ1539EH_15 Datasheet HTML 5Page - Vishay Siliconix SQ1539EH_15 Datasheet HTML 6Page - Vishay Siliconix SQ1539EH_15 Datasheet HTML 7Page - Vishay Siliconix SQ1539EH_15 Datasheet HTML 8Page - Vishay Siliconix SQ1539EH_15 Datasheet HTML 9Page - Vishay Siliconix SQ1539EH_15 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SQ1539EH
www.vishay.com
Vishay Siliconix
S15-1925-Rev. A, 17-Aug-15
6
Document Number: 62993
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Thermal Transient Impedance, Junction-to-Foot
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 220 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.02
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02


Similar Part No. - SQ1539EH_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1539EH VISHAY-SQ1539EH_V01 Datasheet
313Kb / 15P
   N-and P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1539EH VISHAY-SQ1539EH_V02 Datasheet
312Kb / 15P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ1539EH_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1539EH VISHAY-SQ1539EH_V02 Datasheet
312Kb / 15P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4532AEY VISHAY-SQ4532AEY_V02 Datasheet
254Kb / 14P
   Automotive N-and P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4532EY VISHAY-SQ4532EY Datasheet
294Kb / 15P
   Automotive N-and P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4532AEY VISHAY-SQ4532AEY_15 Datasheet
333Kb / 16P
   Automotive N-and P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SUB75P03-07 VISHAY-SUB75P03-07 Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) 175C MOSFET
Rev. B, 24-Apr-00
SUP75P03-07 VISHAY-SUP75P03-07 Datasheet
115Kb / 6P
   P-Channel 30-V (D-S) 175 °C MOSFET
Rev. D, 24-Dec-07
SUD50N03-10 VISHAY-SUD50N03-10 Datasheet
73Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 24-Feb-98
SUV85N03-04P VISHAY-SUV85N03-04P Datasheet
44Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 25-Nov-02
SUD50N03-11 VISHAY-SUD50N03-11 Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 12-Jun-00
SUB75N03-07 VISHAY-SUB75N03-07 Datasheet
68Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com