Electronic Components Datasheet Search |
|
SQ2315ES Datasheet(PDF) 1 Page - Vishay Siliconix |
|
SQ2315ES Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 11 page SQ2315ES www.vishay.com Vishay Siliconix S15-2411-Rev. D, 07-Oct-15 1 Document Number: 71507 For technical questions, contact: automostechsupport@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Automotive P-Channel 12 V (D-S) 175 °C MOSFET Marking Code: 8D FEATURES • TrenchFET® power MOSFET • AEC-Q101 qualified c • 100 % Rg and UIS tested • Compliant to RoHS Directive 2002/95/EC • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Notes a. Pulse test; pulse width ≤ 300 μs, duty cycle ≤ 2 %. b. When mounted on 1" square PCB (FR4 material). c. Parametric verification ongoing. PRODUCT SUMMARY VDS (V) -12 RDS(on) ( Ω) at VGS = -4.5 V 0.050 RDS(on) ( Ω) at VGS = -2.5 V 0.068 RDS(on) ( Ω) at VGS = -1.8 V 0.100 ID (A) -5 Configuration Single Package SOT-23 Top View SOT-23 (TO-236) 1 G 2 S D 3 S G D P-Channel MOSFET ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted) PARAMETER SYMBOL LIMIT UNIT Drain-Source Voltage VDS -12 V Gate-Source Voltage VGS ± 8 Continuous Drain Current TC = 25 °C ID -5 A TC = 125 °C -3 Continuous Source Current (Diode Conduction) IS -2.5 Pulsed Drain Current a IDM -20 Single Pulse Avalanche Current L = 0.1 mH IAS -11 Single Pulse Avalanche Energy EAS 6mJ Maximum Power Dissipation a TC = 25 °C PD 2 W TC = 125 °C 0.67 Operating Junction and Storage Temperature Range TJ, Tstg -55 to +175 °C THERMAL RESISTANCE RATINGS PARAMETER SYMBOL LIMIT UNIT Junction-to-Ambient PCB Mount b RthJA 175 °C/W Junction-to-Foot (Drain) RthJF 75 |
Similar Part No. - SQ2315ES_15 |
|
Similar Description - SQ2315ES_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |