Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ3460EV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQ3460EV
Description  Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3460EV Datasheet(HTML) 1 Page - Vishay Siliconix

  SQ3460EV_15 Datasheet HTML 1Page - Vishay Siliconix SQ3460EV_15 Datasheet HTML 2Page - Vishay Siliconix SQ3460EV_15 Datasheet HTML 3Page - Vishay Siliconix SQ3460EV_15 Datasheet HTML 4Page - Vishay Siliconix SQ3460EV_15 Datasheet HTML 5Page - Vishay Siliconix SQ3460EV_15 Datasheet HTML 6Page - Vishay Siliconix SQ3460EV_15 Datasheet HTML 7Page - Vishay Siliconix SQ3460EV_15 Datasheet HTML 8Page - Vishay Siliconix SQ3460EV_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SQ3460EV
www.vishay.com
Vishay Siliconix
S11-2359-Rev. D, 05-Dec-11
1
Document Number: 67037
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
d. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
20
RDS(on) () at VGS = 4.5 V
0.030
RDS(on) () at VGS = 2.5 V
0.034
RDS(on) () at VGS = 1.8 V
0.038
ID (A)
8
Configuration
Single
N-Channel MOSFET
(3) G
(1, 2, 5, 6) D
(4) S
TSOP-6
Top V iew
6
4
1
2
3
5
2.85 mm
3 mm
Marking Code: 8Jxxx
ORDERING INFORMATION
Package
TSOP-6
Lead (Pb)-free and Halogen-free
SQ3460EV-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current
TC = 25 °Ca
ID
8
A
TC = 125 °C
4.8
Continuous Source Current (Diode Conduction)
IS
4.6
Pulsed Drain Currentb
IDM
32
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5mJ
Maximum Power Dissipationb
TC = 25 °C
PD
3.6
W
TC = 125 °C
1.2
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
110
°C/W
Junction-to-Foot (Drain)
RthJF
41


Similar Part No. - SQ3460EV_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3460EV-T1-GE3 VISHAY-SQ3460EV-T1-GE3 Datasheet
210Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. D, 05-Dec-11
logo
VBsemi Electronics Co.,...
SQ3460EV-T1-GE3 VBSEMI-SQ3460EV-T1-GE3 Datasheet
484Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SQ3460EV VISHAY-SQ3460EV_V01 Datasheet
234Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3460EV VISHAY-SQ3460EV_V02 Datasheet
274Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQ3460EV_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQS420EN VISHAY-SQS420EN_15 Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ3460EV VISHAY-SQ3460EV Datasheet
210Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. D, 05-Dec-11
SQ2310ES VISHAY-SQ2310ES_15 Datasheet
223Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3460EV VISHAY-SQ3460EV_V02 Datasheet
274Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2310ES VISHAY-SQ2310ES_V02 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM120N02-1M3L VISHAY-SQM120N02-1M3L_15 Datasheet
172Kb / 10P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com