Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53115 Datasheet(PDF) 5 Page - Micropac Industries

Part # 53115
Description  Hermetically Sealed 8-Pin Dual-In-Line package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53115 Datasheet(HTML) 5 Page - Micropac Industries

  53115 Datasheet HTML 1Page - Micropac Industries 53115 Datasheet HTML 2Page - Micropac Industries 53115 Datasheet HTML 3Page - Micropac Industries 53115 Datasheet HTML 4Page - Micropac Industries 53115 Datasheet HTML 5Page - Micropac Industries 53115 Datasheet HTML 6Page - Micropac Industries 53115 Datasheet HTML 7Page - Micropac Industries 53115 Datasheet HTML 8Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL:
hybridsales@micropac.com
Rev A
02 08 2013
5
53115
Power MOSFET Optocoupler
CONNECTION A
AC/DC CONNECTION
4
F
-
+
3
2
1
-
Figure 1 - Terminal Connections
5
4
5
CONNECTION B
DC CONNECTION
Case outlines
P, X, Y, AND Z
Terminal number
Terminal symbol
Connection A
Conneciton B
(AC or DC load)
(DC load only)
+
6
7
8
NC = No connection
-
+
3
2
1
6
7
8
+
-
I
F
V
O
I
O
V
F
I
F
V
V
O
O
I
8
6
7
3
5
4
2
1
V
NC
V
NC
V
NC
NC
V
F-
O+
O-
F+
F-
V
NC
V O+
O-
N
V O+
NC
NC
V F+
Figure 2 - Truth Table
ON
ON
OFF
OFF
INPUT
OUTPUT


Similar Part No. - 53115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5311 BITECH-5311 Datasheet
77Kb / 3P
   Precision Potentiometer
logo
TT Electronics.
5311 TTELEC-5311 Datasheet
687Kb / 3P
   Single-Turn Precision Potentiometer
logo
Festo Corporation.
531101 FESTO-531101 Datasheet
95Kb / 1P
   Air preparation combination unit
1/27/22
logo
Aavid, Thermal Division...
531102B00000 AAVID-531102B00000 Datasheet
81Kb / 2P
   For use with TO-220 packages
More results

Similar Description - 53115

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DIL8 ZETEX-DIL8 Datasheet
48Kb / 2P
   Dual in-line, 8 pin package
logo
IK Semicon Co., Ltd
KL3340 IKSEMICON-KL3340 Datasheet
198Kb / 5P
   Economical 8-Pin Dual-In-Line Package
logo
Micropac Industries
53252 MICROPAC-53252 Datasheet
60Kb / 6P
   8-Pin Dual-In-Line Hermetic Package
logo
EUROQUARTZ limited
G8 EUROQUARTZ-G8 Datasheet
113Kb / 2P
   8 pin Dual-in-Line
HPF8 EUROQUARTZ-HPF8 Datasheet
215Kb / 1P
   8 pin Dual-in-Line
GF8 EUROQUARTZ-GF8 Datasheet
203Kb / 1P
   8 pin Dual-in-Line
GDA8 EUROQUARTZ-GDA8 Datasheet
114Kb / 1P
   8 pin Dual-in-Line
HPA8 EUROQUARTZ-HPA8 Datasheet
215Kb / 1P
   8 pin Dual-in-Line
GV8 EUROQUARTZ-GV8 Datasheet
203Kb / 1P
   8 pin Dual-in-Line
HDW8 EUROQUARTZ-HDW8 Datasheet
101Kb / 1P
   8 pin Dual-in-Line
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com