Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB20XPE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMPB20XPE
Description  20 V, single N-channel Trench MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMPB20XPE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMPB20XPE_15 Datasheet HTML 1Page - NXP Semiconductors PMPB20XPE_15 Datasheet HTML 2Page - NXP Semiconductors PMPB20XPE_15 Datasheet HTML 3Page - NXP Semiconductors PMPB20XPE_15 Datasheet HTML 4Page - NXP Semiconductors PMPB20XPE_15 Datasheet HTML 5Page - NXP Semiconductors PMPB20XPE_15 Datasheet HTML 6Page - NXP Semiconductors PMPB20XPE_15 Datasheet HTML 7Page - NXP Semiconductors PMPB20XPE_15 Datasheet HTML 8Page - NXP Semiconductors PMPB20XPE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NXP Semiconductors
PMPB20XPE
20 V, single P-channel Trench MOSFET
PMPB20XPE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
30 November 2012
2 / 14
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
D
drain
2
D
drain
3
G
gate
4
S
source
5
D
drain
6
D
drain
7
D
drain
8
S
source
6
5
7
8
4
Transparent top view
1
2
3
DFN2020MD-6 (SOT1220)
017aaa259
G
D
S
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMPB20XPE
DFN2020MD-6 plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals
SOT1220
4. Marking
Table 4.
Marking codes
Type number
Marking code
PMPB20XPE
1D
5. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
-20
V
VGS
gate-source voltage
Tj = 25 °C
-12
12
V
VGS = -4.5 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-10.3
A
VGS = -4.5 V; Tamb = 25 °C
[1]
-
-7.2
A
ID
drain current
VGS = -4.5 V; Tamb = 100 °C
[1]
-
-4.5
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-30
A
Ptot
total power dissipation
Tamb = 25 °C
[1]
-
1.7
W


Similar Part No. - PMPB20XPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB20XPEA NEXPERIA-PMPB20XPEA Datasheet
300Kb / 14P
   20 V, P-channel Trench MOSFET
27 March 2018
More results

Similar Description - PMPB20XPE_15

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV170UN ZPSEMI-PMV170UN Datasheet
368Kb / 4P
   20 V, single N-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMG45UN NEXPERIA-PMG45UN Datasheet
323Kb / 14P
   20 V, single N-channel Trench MOSFET
PMPB20UN NEXPERIA-PMPB20UN Datasheet
351Kb / 14P
   20 V, single N-channel Trench MOSFET
logo
NXP Semiconductors
PMZB290UN PHILIPS-PMZB290UN_15 Datasheet
838Kb / 15P
   20 V, single N-channel Trench MOSFET
Rev. 1 ??11 May 2012
logo
Nexperia B.V. All right...
PMZB290UNE NEXPERIA-PMZB290UNE Datasheet
1Mb / 15P
   20 V, single N-channel Trench MOSFET
Rev. 3 - 23 March 2012
logo
NXP Semiconductors
PMPB23XNE PHILIPS-PMPB23XNE_15 Datasheet
255Kb / 14P
   20 V, single N-channel Trench MOSFET
30 November 2012
logo
Nexperia B.V. All right...
PMZB290UN NEXPERIA-PMZB290UN Datasheet
706Kb / 15P
   20 V, single N-channel Trench MOSFET
PMPB10XNE NEXPERIA-PMPB10XNE Datasheet
751Kb / 14P
   20 V, single N-channel Trench MOSFET
logo
ZP Semiconductor
PMV65UN ZPSEMI-PMV65UN Datasheet
424Kb / 4P
   20 V, single N-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMZ290UN NEXPERIA-PMZ290UN Datasheet
336Kb / 16P
   20 V, single N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com