Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSMBJ0322C Datasheet(PDF) 3 Page - Micro Commercial Components

Part # TSMBJ0322C
Description  Transient Voltage Protection Device 75 to 320 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TSMBJ0322C Datasheet(HTML) 3 Page - Micro Commercial Components

  TSMBJ0322C Datasheet HTML 1Page - Micro Commercial Components TSMBJ0322C Datasheet HTML 2Page - Micro Commercial Components TSMBJ0322C Datasheet HTML 3Page - Micro Commercial Components TSMBJ0322C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCC
TSMBJ0306C thru TSMBJ0324C
-50
-25
0
25
50
75
100
125
150
175
Tj ; JUNCTION TEMPERATURE (℃)
0.9
0.95
1
1.05
1.1
1.15
1.2
Fig.2 - Relative Variation of
Breakdown Voltage v.s Junction Temperature
-25
0
25
50
75
100
125
150
Tj , JUNCTION TEMPERATURE (℃)
0.001
0.01
0.1
1
10
100
Fig.1 - Off-State Current v.s Junction Temperature
VDRM = 50V
VBR(TJ)
VBR(TJ=25℃)
-50
-25
0
25
50
75
100
125
150
175
Tj ; JUNCTION TEMPERATURE (℃)
0.95
1
1.05
1.1
Fig.3 - Relative Variation of
Breakover Voltage v.s Junction Temperature
VBO(TJ)
VBO(TJ=25℃)
12
3
4
5
6
7
8
9
V(T) ; ON-STATE VOLTAGE
1
10
100
Fig.4 - On-State Current v.s On-State Voltage
TJ = 25℃
-50
-25
0
25
50
75
100
125
Tj ; JUNCTION TEMPERATURE (℃)
0
0.5
1
1.5
2
Fig.5 - Relative Variation of
Holding Current v.s Junction Temperature
IH(TJ)
IH(TJ=25℃)
1
10
100
VR ; REVERSE VOLTAGE (V)
0.1
1
Fig.6 - Relative Variation of
Junction Capacitance v.s Reverse Voltage Bias
Tj =25℃
f=1MHz
VRMS = 1V
CO(VR)
CO(VR = 1V)
www.mccsemi.com


Similar Part No. - TSMBJ0322C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TSMBJ0305C-064 MCC-TSMBJ0305C-064 Datasheet
438Kb / 4P
   Transient Voltage Protection Device 58 Volts
logo
Shanghai Lunsure Electr...
TSMBJ0305C-064 CHENYI-TSMBJ0305C-064 Datasheet
411Kb / 4P
   Transient voltage protection device 58 volts
logo
Micro Commercial Compon...
TSMBJ0305C-072 MCC-TSMBJ0305C-072 Datasheet
705Kb / 4P
   Transient Voltage Protection Device 65 Volts
logo
Shanghai Lunsure Electr...
TSMBJ0305C-072 CHENYI-TSMBJ0305C-072 Datasheet
675Kb / 4P
   Transient voltage protection device 65 volts
logo
Micro Commercial Compon...
TSMBJ0309C-130 MCC-TSMBJ0309C-130 Datasheet
707Kb / 4P
   Transient Voltage Protection Device 120 Volts
More results

Similar Description - TSMBJ0322C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TSMBJ0506C MCC-TSMBJ0506C Datasheet
426Kb / 4P
   Transient Voltage Protection Device 75 to 320 Volts
TSMBJ1006C MCC-TSMBJ1006C Datasheet
426Kb / 4P
   Transient Voltage Protection Device 75 to 320 Volts
logo
Shanghai Lunsure Electr...
TSMBJ0305C-064 CHENYI-TSMBJ0305C-064 Datasheet
411Kb / 4P
   Transient voltage protection device 58 volts
logo
Micro Commercial Compon...
TSMBJ0305C-064 MCC-TSMBJ0305C-064 Datasheet
438Kb / 4P
   Transient Voltage Protection Device 58 Volts
TSMBJ0305C-072 MCC-TSMBJ0305C-072 Datasheet
705Kb / 4P
   Transient Voltage Protection Device 65 Volts
TSMBJ1005C-064 MCC-TSMBJ1005C-064 Datasheet
421Kb / 4P
   Transient Voltage Protection Device 58 Volts
logo
Shanghai Lunsure Electr...
TSMBJ0505C-072 CHENYI-TSMBJ0505C-072 Datasheet
396Kb / 4P
   Transient voltage protection device 65 volts
logo
Micro Commercial Compon...
TSMBJ1005C-072 MCC-TSMBJ1005C-072 Datasheet
421Kb / 4P
   Transient Voltage Protection Device 65 Volts
TSMBJ0309C-130 MCC-TSMBJ0309C-130 Datasheet
707Kb / 4P
   Transient Voltage Protection Device 120 Volts
TSMBJ0505C-064 MCC-TSMBJ0505C-064 Datasheet
421Kb / 4P
   Transient Voltage Protection Device 58 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com