Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66296 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66296
Description  PROTON RADIATION TOLERANT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66296 Datasheet(HTML) 2 Page - Micropac Industries

  66296 Datasheet HTML 1Page - Micropac Industries 66296 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66296
PROTON RADIATION TOLERANT QUAD CHANNEL, 20 PIN LCC,
TRANSISTOR OUTPUT OPTOCOUPLER
08/14/2015
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
8
µA
VR = 6 V
2
Input Diode Forward Voltage
-55°C
+25C
+100C
VF
0.8
0.8
0.8
1.8
1.6
1.4
V
IF = 10 mA
2
OUTPUT TRANSISTOR
TA = 25C unless otherwise specified.
Collector-Base Breakdown Voltage
V(BR)CBO
45
V
IC = 100 A, IE = 0, IF = 0
2
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
V
IC = 1 mA, IB = 0, IF = 0
2
Emitter-Base Breakdown Voltage
V(BR)EBO
7
V
IC = 0 mA, IE = 100 A, IF = 0
2
COUPLED CHARACTERISTICS
TA = 25C unless otherwise specified.
On State Collector Current
Ta = +25°C
IC(ON)
2.0
mA
VCE = 5 V, IB = 0, IF = 1mA
2
On State Collector Current
Ta = -55C
IC(ON)
2.0
mA
VCE = 5 V, IB = 0, IF = 2 mA
2
On State Collector Current
Ta = +100C
IC(ON)
2.0
mA
VCE = 5 V, IB = 0, IF = 2 mA
2
Off State Collector Current
IC(OFF)
100
nA
VCE = 20 V, IB = 0, IF = 0 mA
2
Off State Collector Current,
Ta = +100C
IC(OFF)
100
A
VCE = 20 V, IB = 0, IF = 0 mA
2
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IF = 2 mA, IC = 2 mA, IB = 0
2
Input to Output Current
IIO
1.0
A
VIN-OUT = 1 kV
1
Input to Output Capacitance
CIO
5
pF
F = 1 MHz, VIN-OUT = 0
1
Rise Time
or
Fall Time
tr
or
tf
10
20
s
VCC = 10 V, IF = 5 mA,
RL = 100
2
NOTES:
1.
These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
2.
Parameters apply to all four channels.
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66296-001
Commercial
66296-101
Commercial with Group A
66296-103
Screened to TX Level
66296-105
Screened to TXV Level
66296-301
Screened to Space Level
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.


Similar Part No. - 66296

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66291 MICROPAC-66291 Datasheet
79Kb / 3P
   GLOB TOP TRANSISTOR OUTPUT GULL WING DUAL CHANNEL OPTOCOUPLERS
66292 MICROPAC-66292 Datasheet
59Kb / 2P
   GLOB TOP HIGH GAIN GULL WING OPTOCOUPLER
66293 MICROPAC-66293 Datasheet
184Kb / 3P
   PROTON RADIATION TOLERANT SINGLE-DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER
logo
Vishay Siliconix
66293074 VISHAY-66293074 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
66293081 VISHAY-66293081 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results

Similar Description - 66296

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66342 MICROPAC-66342 Datasheet
78Kb / 2P
   PROTON RADIATION TOLERANT
66212 MICROPAC-66212 Datasheet
52Kb / 2P
   Designed to be proton radiation tolerant
66168 MICROPAC-66168 Datasheet
86Kb / 2P
   PROTON RADIATION TOLERANT OPTOCOUPLER (Pin-for-Pin Replacement for 4N49)
66183 MICROPAC-66183 Datasheet
86Kb / 2P
   PROTON RADIATION TOLERANT OPTOCOUPLER(Single Channel, Electrically Similar to 4N49)
66191 MICROPAC-66191 Datasheet
83Kb / 2P
   PROTON RADIATION TOLERANT OPTOCOUPLER (Single Channel, Electrical EQUIVALENT TO 66099)
66293 MICROPAC-66293 Datasheet
184Kb / 3P
   PROTON RADIATION TOLERANT SINGLE-DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
   RADIATION TOLERANT
logo
List of Unclassifed Man...
OLF249 ETC2-OLF249 Datasheet
28Kb / 3P
   Radiation Tolerant Phototransistor
logo
ATMEL Corporation
M67206F ATMEL-M67206F Datasheet
72Kb / 5P
   Radiation Tolerant FIFOs
logo
Micropac Industries
67060 MICROPAC-67060 Datasheet
77Kb / 2P
   SLOTTED OPTICAL INTERRUPTER PROTON AND TOTAL DOSE TOLERANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com