Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN2R0-60PS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN2R0-60PS
Description  N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R0-60PS Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN2R0-60PS_15 Datasheet HTML 1Page - NXP Semiconductors PSMN2R0-60PS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN2R0-60PS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN2R0-60PS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN2R0-60PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R0-60PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R0-60PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R0-60PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R0-60PS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PSMN2R0-60PS
N-channel 60 V 2.2 mΩ standard level MOSFET in TO-220
4 October 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. Product profile
1.1 General description
Standard level N-channel MOSFET in a TO-220 package qualified to 175 °C. This
product is designed and qualified for use in a wide range of industrial, communications
and domestic equipment.
1.2 Features and benefits
High efficiency due to low switching and conduction losses
Suitable for standard level gate drive sources
1.3 Applications
DC-to-DC converters
Load switching
Motor control
Server power supplies
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
60
V
ID
drain current
Tmb = 25 °C; VGS = 10 V; Fig. 1
[1]
-
-
120
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
338
W
Tj
junction temperature
-55
-
175
°C
Static characteristics
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 12
[2]
-
1.8
2.2
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 100 °C;
Fig. 12; Fig. 13
-
3
3.5
Dynamic characteristics
QGD
gate-drain charge
-
32
45
nC
QG(tot)
total gate charge
VGS = 10 V; ID = 75 A; VDS = 30 V;
Fig. 14; Fig. 15
-
137
192
nC


Similar Part No. - PSMN2R0-60PS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R0-60PSR NEXPERIA-PSMN2R0-60PSR Datasheet
386Kb / 14P
   N-channel 60 V, 2.2 m廓 standard level MOSFET in TO-220 using Trench Technology
More results

Similar Description - PSMN2R0-60PS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R0-60PS NEXPERIA-PSMN2R0-60PS Datasheet
749Kb / 14P
   N-channel 60 V 2.2 m廓 standard level MOSFET in TO-220
PSMN2R0-60PSR NEXPERIA-PSMN2R0-60PSR Datasheet
386Kb / 14P
   N-channel 60 V, 2.2 m廓 standard level MOSFET in TO-220 using Trench Technology
PSMN2R0-60ES NEXPERIA-PSMN2R0-60ES Datasheet
826Kb / 15P
   N-channel 60 V 2.2 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN2R0-60ES PHILIPS-PSMN2R0-60ES_15 Datasheet
240Kb / 15P
   N-channel 60 V 2.2 m standard level MOSFET in I2PAK
Rev. 02-19 April 2011
PSMN5R0-100PS PHILIPS-PSMN5R0-100PS Datasheet
208Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in TO-220
Rev. 3-26 September 2011
PSMN4R3-100PS PHILIPS-PSMN4R3-100PS_15 Datasheet
202Kb / 15P
   N-channel 100 V 4.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN3R3-80PS PHILIPS-PSMN3R3-80PS Datasheet
200Kb / 15P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN4R3-100PS PHILIPS-PSMN4R3-100PS Datasheet
202Kb / 15P
   N-channel 100 V 4.3 m廓 standard level MOSFET in TO-220
Rev. 1-27 October 2011
PSMN5R0-100PS PHILIPS-PSMN5R0-100PS_15 Datasheet
208Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in TO-220
Rev. 3-26 September 2011
PSMN3R5-80PS PHILIPS-PSMN3R5-80PS_15 Datasheet
244Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in TO-220
Rev. 03-19 April 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com