Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN2R8-40PS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSMN2R8-40PS
Description  PSMN2R8-40PS_15
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R8-40PS Datasheet(HTML) 4 Page - NXP Semiconductors

  PSMN2R8-40PS_15 Datasheet HTML 1Page - NXP Semiconductors PSMN2R8-40PS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN2R8-40PS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN2R8-40PS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN2R8-40PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R8-40PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R8-40PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R8-40PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R8-40PS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
PSMN2R8-40PS
N-channel TO220 40 V 2.8 mΩ standard level MOSFET
PSMN2R8-40PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
11 February 2013
4 / 13
003aad385
10-1
1
10
102
103
10-1
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
1 ms
100 µs
Limit RDSon = VDS / ID
(1)
tp = 10 µs
Fig. 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance
from junction to
mounting base
Fig. 4
-
0.4
0.7
K/W
003aad247
10-4
10-3
10-2
10-1
1
10-6
10-5
10-4
10-3
10-2
10-1
1
10
tp (s)
Zth (j-mb)
(K/W)
single shot
0.02
0.05
0.1
0.2
δ = 0.5
tp
T
P
t
tp
T
δ =
Fig. 4. Transient thermal impedance from junction to mounting base as a function of pulse duration


Similar Part No. - PSMN2R8-40PS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R8-40PS NEXPERIA-PSMN2R8-40PS Datasheet
751Kb / 13P
   N-channel TO220 40 V 2.8 m廓 standard level MOSFET
logo
VBsemi Electronics Co.,...
PSMN2R8-40PS VBSEMI-PSMN2R8-40PS Datasheet
946Kb / 7P
   N-Channel 40-V (D-S) MOSFET
logo
Inchange Semiconductor ...
PSMN2R8-40PS ISC-PSMN2R8-40PS Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com