Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN3R4-30BLE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN3R4-30BLE
Description  N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R4-30BLE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN3R4-30BLE_15 Datasheet HTML 3Page - NXP Semiconductors PSMN3R4-30BLE_15 Datasheet HTML 4Page - NXP Semiconductors PSMN3R4-30BLE_15 Datasheet HTML 5Page - NXP Semiconductors PSMN3R4-30BLE_15 Datasheet HTML 6Page - NXP Semiconductors PSMN3R4-30BLE_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R4-30BLE_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R4-30BLE_15 Datasheet HTML 9Page - NXP Semiconductors PSMN3R4-30BLE_15 Datasheet HTML 10Page - NXP Semiconductors PSMN3R4-30BLE_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
PSMN3R4-30BLE
N-channel 30 V 3.4 mΩ logic level MOSFET in D2PAK
PSMN3R4-30BLE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
12 October 2012
7 / 13
003aaj365
0
20
40
60
80
100
0
0.5
1
1.5
2
VDS(V)
ID
(A)
VGS(V) = 4.5
10
2.4
2.6
2.8
3
3.5
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aaj366
0
5
10
15
20
0
4
8
12
16
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aaj367
0
30
60
90
120
0
20
40
60
80
100
ID(A)
gfs
(S)
Fig. 8. Forward transconductance as a function of
drain current; typical values
003aaj368
0
20
40
60
80
100
120
0
1
2
3
4
VGS(V)
ID
(A)
Tj = 25 °C
Tj = 175 °C
Fig. 9. Transfer characteristics; drain current as a
function of gate-source voltage; typical values


Similar Part No. - PSMN3R4-30BLE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R4-30BLE NEXPERIA-PSMN3R4-30BLE Datasheet
739Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
logo
Inchange Semiconductor ...
PSMN3R4-30BLE ISC-PSMN3R4-30BLE Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - PSMN3R4-30BLE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN3R4-30BLE NEXPERIA-PSMN3R4-30BLE Datasheet
739Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R5-30BLE PHILIPS-PSMN1R5-30BLE_15 Datasheet
229Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
12 October 2012
PSMN017-30BL PHILIPS-PSMN017-30BL_15 Datasheet
198Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
PSMN3R4-30BL NEXPERIA-PSMN3R4-30BL Datasheet
814Kb / 15P
   N-channel 30 V 3.3 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMNR90-30BL PHILIPS-PSMNR90-30BL_15 Datasheet
282Kb / 13P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
2 April 2014
PSMNR90-30BL NXP-PSMNR90-30BL Datasheet
237Kb / 14P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN022-30BL PHILIPS-PSMN022-30BL_15 Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m廓 logic level MOSFET in D2PAK
Rev. 1-21 March 2012
logo
Nexperia B.V. All right...
PSMN1R5-30BLE NEXPERIA-PSMN1R5-30BLE Datasheet
737Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com