Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN3R9-25MLC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PSMN3R9-25MLC
Description  N-channel 25 V 4.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN3R9-25MLC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PSMN3R9-25MLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 9Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 10Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 11Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 12Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 13Page - NXP Semiconductors PSMN3R9-25MLC_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PSMN3R9-25MLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 15 June 2012
11 of 14
NXP Semiconductors
PSMN3R9-25MLC
N-channel 25 V 4.15 m
Ω logic level MOSFET in LFPAK33 using NextPower Technology
8.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PSMN3R9-25MLC v.4
20120615
Product data sheet
-
PSMN3R9-25MLC v.3
Modifications:
Various changes to content.
PSMN3R9-25MLC v.3
20120607
Product data sheet
-
PSMN3R9-25MLC v.2


Similar Part No. - PSMN3R9-25MLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R9-25MLC PHILIPS-PSMN3R9-25MLC Datasheet
370Kb / 14P
   N-channel 25 V 4.15 m logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
logo
Nexperia B.V. All right...
PSMN3R9-25MLC NEXPERIA-PSMN3R9-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 4.15 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4 - 15 June 2012
More results

Similar Description - PSMN3R9-25MLC_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R9-25MLC PHILIPS-PSMN3R9-25MLC Datasheet
370Kb / 14P
   N-channel 25 V 4.15 m logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
logo
Nexperia B.V. All right...
PSMN3R9-25MLC NEXPERIA-PSMN3R9-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 4.15 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4 - 15 June 2012
logo
NXP Semiconductors
PSMN9R0-25MLC PHILIPS-PSMN9R0-25MLC_15 Datasheet
370Kb / 14P
   N-channel 25 V 8.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
logo
Nexperia B.V. All right...
PSMN2R8-25MLC NEXPERIA-PSMN2R8-25MLC Datasheet
1Mb / 14P
   N-channel 25 V 2.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN7R0-30MLC NEXPERIA-PSMN7R0-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 7 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN2R9-30MLC NEXPERIA-PSMN2R9-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
logo
NXP Semiconductors
PSMN3R0-30MLC PHILIPS-PSMN3R0-30MLC_15 Datasheet
375Kb / 14P
   N-channel 30 V 3.15 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 4-15 June 2012
PSMN4R4-30MLC PHILIPS-PSMN4R4-30MLC_15 Datasheet
370Kb / 14P
   N-channel 30 V 4.65 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN9R8-30MLC PHILIPS-PSMN9R8-30MLC_15 Datasheet
371Kb / 14P
   N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 3-15 June 2012
PSMN2R9-30MLC PHILIPS-PSMN2R9-30MLC_15 Datasheet
406Kb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
Rev. 2-15 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com