Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN7R0-30MLC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN7R0-30MLC
Description  N-channel 30 V 7 m廓 logic level MOSFET in LFPAK33 using
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN7R0-30MLC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN7R0-30MLC_15 Datasheet HTML 2Page - NXP Semiconductors PSMN7R0-30MLC_15 Datasheet HTML 3Page - NXP Semiconductors PSMN7R0-30MLC_15 Datasheet HTML 4Page - NXP Semiconductors PSMN7R0-30MLC_15 Datasheet HTML 5Page - NXP Semiconductors PSMN7R0-30MLC_15 Datasheet HTML 6Page - NXP Semiconductors PSMN7R0-30MLC_15 Datasheet HTML 7Page - NXP Semiconductors PSMN7R0-30MLC_15 Datasheet HTML 8Page - NXP Semiconductors PSMN7R0-30MLC_15 Datasheet HTML 9Page - NXP Semiconductors PSMN7R0-30MLC_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PSMN7R0-30MLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 15 June 2012
6 of 14
NXP Semiconductors
PSMN7R0-30MLC
N-channel 30 V 7 m
Ω logic level MOSFET in LFPAK33 using NextPower Technology
td(on)
turn-on delay time
VDS =15V; RL =1 Ω; VGS =4.5 V;
RG(ext) =5 Ω
-9.7
-ns
tr
rise time
-
15.4
-
ns
td(off)
turn-off delay time
-
13.4
-
ns
tf
fall time
-
8.5
-
ns
Qoss
output charge
VGS =0V; VDS =15V; f=1MHz;
Tj =25°C
-
24.7
-
nC
Source-drain diode
VSD
source-drain voltage
IS =15A; VGS =0V; Tj =25°C;
see Figure 15
-
0.85
1.1
V
trr
reverse recovery time
IS =15A; dIS/dt = -100 A/µs; VGS =0V;
VDS =15V
-
18.3
-
ns
Qr
recovered charge
-
11.9
-
nC
ta
reverse recovery rise
time
VGS =0V; IS =15A; dIS/dt = -100 A/µs;
VDS =15V; see Figure 16
-
11.4
-
ns
tb
reverse recovery fall
time
-6.9
-ns
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 6.
Output characteristics; drain current as a
function of drain-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aaj537
0
15
30
45
60
75
012
34
V
DS(V)
I
D
(A)
V
GS(V) = 2.6
2.8
3.5
4.5
10
3
003aaj538
0
5
10
15
20
0
4
8
12
16
V
GS(V)
R
DSon
(m
Ω)


Similar Part No. - PSMN7R0-30MLC_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R0-30MLC NEXPERIA-PSMN7R0-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 7 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
More results

Similar Description - PSMN7R0-30MLC_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN7R0-30MLC NEXPERIA-PSMN7R0-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 7 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
BUK9M6R6-30E NEXPERIA-BUK9M6R6-30E Datasheet
719Kb / 13P
   N-channel 30 V, 6.6 m廓 logic level MOSFET in LFPAK33
BUK9M5R2-30E NEXPERIA-BUK9M5R2-30E Datasheet
729Kb / 13P
   N-channel 30 V, 5.2 m廓 logic level MOSFET in LFPAK33
BUK9M10-30E NEXPERIA-BUK9M10-30E Datasheet
724Kb / 13P
   N-channel 30 V, 10 m廓 logic level MOSFET in LFPAK33
BUK9M17-30E NEXPERIA-BUK9M17-30E Datasheet
724Kb / 13P
   N-channel 30 V, 17 m廓 logic level MOSFET in LFPAK33
logo
NXP Semiconductors
PSMN2R4-30MLD PHILIPS-PSMN2R4-30MLD_15 Datasheet
283Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
11 August 2015
logo
Nexperia B.V. All right...
PSMN6R5-30MLD NEXPERIA-PSMN6R5-30MLD Datasheet
292Kb / 12P
   N-channel 30 V, 6.5 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN2R9-30MLC NEXPERIA-PSMN2R9-30MLC Datasheet
1Mb / 14P
   N-channel 30 V 2.95 m廓 logic level MOSFET in LFPAK33 using NextPower Technology
PSMN2R4-30MLD NEXPERIA-PSMN2R4-30MLD Datasheet
724Kb / 13P
   N-channel 30 V, 2.4 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN020-30MLC NEXPERIA-PSMN020-30MLC Datasheet
768Kb / 13P
   N-channel 30 V 18.1 m廓 logic level MOSFET in LFPAK33 using TrenchMOS Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com