Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN017-30BL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN017-30BL
Description  N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN017-30BL Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN017-30BL_15 Datasheet HTML 1Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 2Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 3Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 4Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 5Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 6Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 7Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 8Page - NXP Semiconductors PSMN017-30BL_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PSMN017-30BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 April 2012
5 of 14
NXP Semiconductors
PSMN017-30BL
N-channel 30 V 17 m
Ω logic level MOSFET in D2PAK
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 250 µA; VGS =0V; Tj = 25 °C
30
--V
ID = 250 µA; VGS =0V; Tj = -55 °C
27
-
-
V
VGS(th)
gate-source threshold voltage
ID =1mA; VDS =VGS; Tj =25°C;
see Figure 10; see Figure 11
1.3
1.7
2.15
V
ID =1mA; VDS =VGS; Tj =175 °C;
see Figure 11
0.5
--V
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 11
--2.45
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
-
0.3
1
µA
VDS =30V; VGS =0V; Tj = 125 °C
-
-
50
µA
IGSS
gate leakage current
VGS =16 V; VDS =0V; Tj = 25 °C
-
10
100
nA
VGS =-16 V; VDS =0V; Tj = 25 °C
-
10
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =10A; Tj =175 °C;
see Figure 12
--43
m
VGS =4.5 V; ID =10A; Tj =25°C;
see Figure 13
-
18.6
23.3
m
VGS =10 V; ID =10A; Tj =175 °C;
see Figure 12
-
24
31.5
m
VGS =10 V; ID =10A; Tj =100 °C;
see Figure 12
-
-
23.5
m
VGS =10 V; ID =10A; Tj =25°C;
see Figure 13
-
13.3
17
m
RG
gate resistance
f = 1 MHz
-
2.03
-
Dynamic characteristics
QG(tot)
total gate charge
ID =10A; VDS =15V; VGS =10V;
see Figure 14; see Figure 15
-
10.7
-
nC
ID =0A; VDS =0V; VGS =10V;
see Figure 14; see Figure 15
-9.55
-nC
ID =10A; VDS =15V; VGS =4.5 V;
see Figure 14; see Figure 15
-5.1
-nC
QGS
gate-source charge
-
1.52
-
nC
QGS(th)
pre-threshold gate-source
charge
-1
-nC
QGS(th-pl)
post-threshold gate-source
charge
-0.5
-nC
QGD
gate-drain charge
-
1.94
-
nC
VGS(pl)
gate-source plateau voltage
ID =10A; VDS = 15 V; see Figure 14;
see Figure 15
-2.86
-V
Ciss
input capacitance
VDS =15V; VGS =0V; f=1MHz;
Tj = 25 °C; see Figure 16
-
552
-
pF
Coss
output capacitance
-
127
-
pF
Crss
reverse transfer capacitance
-
64
-
pF


Similar Part No. - PSMN017-30BL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN017-30BL PHILIPS-PSMN017-30BL Datasheet
198Kb / 14P
   N-channel 30 V 17 milliohm logic level MOSFET in D2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
PSMN017-30BL NEXPERIA-PSMN017-30BL Datasheet
795Kb / 14P
   N-channel 30 V 17 mΩ logic level MOSFET in D2PAK
Rev. 2 - 3 April 2012
More results

Similar Description - PSMN017-30BL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
   N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN1R5-30BLE PHILIPS-PSMN1R5-30BLE_15 Datasheet
229Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
12 October 2012
PSMN3R4-30BLE PHILIPS-PSMN3R4-30BLE_15 Datasheet
230Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
12 October 2012
logo
Nexperia B.V. All right...
PSMN3R4-30BL NEXPERIA-PSMN3R4-30BL Datasheet
814Kb / 15P
   N-channel 30 V 3.3 m廓 logic level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN1R6-30BL PHILIPS-PSMN1R6-30BL Datasheet
219Kb / 15P
   N-channel 30 V 1.9 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMNR90-30BL PHILIPS-PSMNR90-30BL_15 Datasheet
282Kb / 13P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
2 April 2014
PSMNR90-30BL NXP-PSMNR90-30BL Datasheet
237Kb / 14P
   N-channel 30 V 1.0 m廓 logic level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN022-30BL PHILIPS-PSMN022-30BL_15 Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m廓 logic level MOSFET in D2PAK
Rev. 1-21 March 2012
logo
Nexperia B.V. All right...
PSMN1R5-30BLE NEXPERIA-PSMN1R5-30BLE Datasheet
737Kb / 13P
   N-channel 30 V 1.5 m廓 logic level MOSFET in D2PAK
PSMN3R4-30BLE NEXPERIA-PSMN3R4-30BLE Datasheet
739Kb / 13P
   N-channel 30 V 3.4 m廓 logic level MOSFET in D2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com