Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN038-100YL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN038-100YL
Description  N-channel 100 V 37.5 m廓 logic level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN038-100YL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN038-100YL_15 Datasheet HTML 3Page - NXP Semiconductors PSMN038-100YL_15 Datasheet HTML 4Page - NXP Semiconductors PSMN038-100YL_15 Datasheet HTML 5Page - NXP Semiconductors PSMN038-100YL_15 Datasheet HTML 6Page - NXP Semiconductors PSMN038-100YL_15 Datasheet HTML 7Page - NXP Semiconductors PSMN038-100YL_15 Datasheet HTML 8Page - NXP Semiconductors PSMN038-100YL_15 Datasheet HTML 9Page - NXP Semiconductors PSMN038-100YL_15 Datasheet HTML 10Page - NXP Semiconductors PSMN038-100YL_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NXP Semiconductors
PSMN038-100YL
N-channel 100 V 37.5 mΩ logic level MOSFET in LFPAK56
PSMN038-100YL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
1 May 2013
7 / 13
003aaj054
0
16
32
48
64
0
1
2
3
4
VDS(V)
ID
(A)
VGS(V) = 10
2.6
2.8
4.5
2.4
2.2
3
Tj = 25 °C; tp = 300 μs
Fig. 6. Output characteristics; drain current as a
function of drain-source voltage; typical values
003aaj055
0
20
40
60
80
100
0
2
4
6
8
10
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aak935
0
10
20
30
40
50
60
0
20
40
60
80
100
ID (A)
gfs
gfs
(S)
(S)
Fig. 8. Forward transconductance as a function of
drain current; typical values
003aaj056
0
0.5
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
Fig. 9. Transfer characteristics; drain current as a
function of gate-source voltage; typical values


Similar Part No. - PSMN038-100YL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN038-100YL NEXPERIA-PSMN038-100YL Datasheet
753Kb / 13P
   N-channel 100 V 37.5 m廓 logic level MOSFET in LFPAK56
More results

Similar Description - PSMN038-100YL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN038-100YL NEXPERIA-PSMN038-100YL Datasheet
753Kb / 13P
   N-channel 100 V 37.5 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y12-100E PHILIPS-BUK9Y12-100E_15 Datasheet
302Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
9 May 2013
BUK9Y153-100E NXP-BUK9Y153-100E Datasheet
668Kb / 13P
   N-channel 100 V, 153 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y22-100E NEXPERIA-BUK9Y22-100E Datasheet
764Kb / 13P
   N-channel 100 V, 22 m廓 logic level MOSFET in LFPAK56
BUK9Y19-100E NEXPERIA-BUK9Y19-100E Datasheet
748Kb / 13P
   N-channel 100 V, 19 m廓 logic level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK9Y12-100E NXP-BUK9Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 logic level MOSFET in LFPAK56
20 February 2013
BUK9Y65-100E PHILIPS-BUK9Y65-100E_15 Datasheet
307Kb / 13P
   N-channel 100 V, 65 m廓 logic level MOSFET in LFPAK56
9 May 2013
BUK9Y113-100E PHILIPS-BUK9Y113-100E_15 Datasheet
307Kb / 13P
   N-channel 100 V, 113 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y38-100E NXP-BUK9Y38-100E Datasheet
311Kb / 13P
   N-channel 100 V, 38 m廓 logic level MOSFET in LFPAK56
14 February 2013
BUK9Y15-100E PHILIPS-BUK9Y15-100E_15 Datasheet
304Kb / 13P
   N-channel 100 V, 15 m廓 logic level MOSFET in LFPAK56
9 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com