Selected language     English  ▼


W01G Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. W01G
Description  1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

   
 1 page
background image
W005G
THRU
W10G
1.5Amp Glass
Passivated Bridge
Rectifier
50 to 1000 Volts
Features
High Current Capability
Ideal for printed circuit boards
High Temperature Soldering: 260
oC for 10 seconds
Reliable low cost construction technique results in inexpensive
products
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
For capacitive load. Derate current by 20%
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
W005G
50V
35V
50V
W01G
100V
70V
100V
W02G
200V
140V
200V
W04G
400V
280V
400V
W06G
600V
420V
600V
W08G
800V
560V
800V
W10G
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TC = 50
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.10V
IFM = 1.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
500uA
TC = 25
°C
TC = 125
°C
www.mccsemi.com
E
E
AC
AC
+
-
A
B
C
D
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
----
.358
------
9.10
B
----
.225
------
5.70
C
1.000
---
25.40
---
D
1.200
---
30.50
---
E
.180
.220
4.60
5.60
WOM
F
F
.030
.032
0.76
0.81
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MD1SSINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere 1 2 Rectron Semiconductor
GBJ2500525 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
MDA100GSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 2 Rectron Semiconductor
GBJ60056 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
MDA200GSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes 1 2 Rectron Semiconductor
DB1011 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
GBJ80058 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
MDA970G1SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes 1 2 Rectron Semiconductor
RS101SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 2 Rectron Semiconductor
GBU4A4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl