Selected language     English  ā–¼


W01G Datasheet(PDF) 2 Page - Micro Commercial Components

Part No. W01G
Description  1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

   
 2 page
background image
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER BRIDGE ELEMENT
1
210
20
100
40
60
0
10
40
30
20
50
NUMBER OF CYCLES AT 60Hz
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
20
40
60
80
100
120
140
160
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
AMBIENT TEMPERATURE. ( C)
o
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
20
10
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
MCC
W005G thru W10G
www.mccsemi.com




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MD1SSINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere 1 2 Rectron Semiconductor
GBJ2500525 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
MDA100GSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 2 Rectron Semiconductor
GBJ60056 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
MDA200GSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes 1 2 Rectron Semiconductor
DB1011 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
GBJ80058 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components
MDA970G1SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes 1 2 Rectron Semiconductor
RS101SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 2 Rectron Semiconductor
GBU4A4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 2 Micro Commercial Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl