Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC36-11CGKWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # SC36-11CGKWA
Description  Low current operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC36-11CGKWA Datasheet(HTML) 3 Page - Kingbright Corporation

  SC36-11CGKWA Datasheet HTML 1Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 2Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 3Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 4Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 5Page - Kingbright Corporation SC36-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAM8465
REV NO: V.2A
DATE: MAR/28/2015
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1301001935
Green
SC36-11CGKWA


Similar Part No. - SC36-11CGKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
149Kb / 5P
   9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
183Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11GWA KINGBRIGHT-SC36-11GWA Datasheet
149Kb / 5P
   9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC36-11GWA KINGBRIGHT-SC36-11GWA Datasheet
182Kb / 4P
   9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11SRWA KINGBRIGHT-SC36-11SRWA Datasheet
149Kb / 5P
   9mm(0.36INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC36-11CGKWA

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
   Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
   Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
   Low current operation
SC39-11CGKWA KINGBRIGHT-SC39-11CGKWA Datasheet
352Kb / 6P
   Low current operation
SA36-11CGKWA KINGBRIGHT-SA36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
SA39-11CGKWA KINGBRIGHT-SA39-11CGKWA Datasheet
350Kb / 6P
   Low current operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com