Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC39-11CGKWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # SC39-11CGKWA
Description  Low current operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC39-11CGKWA Datasheet(HTML) 2 Page - Kingbright Corporation

  SC39-11CGKWA Datasheet HTML 1Page - Kingbright Corporation SC39-11CGKWA Datasheet HTML 2Page - Kingbright Corporation SC39-11CGKWA Datasheet HTML 3Page - Kingbright Corporation SC39-11CGKWA Datasheet HTML 4Page - Kingbright Corporation SC39-11CGKWA Datasheet HTML 5Page - Kingbright Corporation SC39-11CGKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAM8562
REV NO: V.2A
DATE: MAR/28/2015
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1301000909
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
* Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2.Forward Voltage: +/-0.1V.
3.Wavelength value is traceable to the CIE127-2007 compliant national standards.
4.Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Description
Min.
Typ.
Green (AlGaInP)
White Diffused
9000
21000
Common Cathode,
Rt.Hand Decimal.
*3600
*6800
SC39-11CGKWA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Green
570
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Green
20
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Green
2.1
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR=5V
Parameter
Green
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Similar Part No. - SC39-11CGKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC39-11EWA KINGBRIGHT-SC39-11EWA Datasheet
152Kb / 5P
   9.9 MM (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC39-11EWA KINGBRIGHT-SC39-11EWA Datasheet
183Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-11GWA KINGBRIGHT-SC39-11GWA Datasheet
152Kb / 5P
   9.9 MM (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC39-11GWA KINGBRIGHT-SC39-11GWA Datasheet
183Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
SC39-11PBWA-A KINGBRIGHT-SC39-11PBWA-A Datasheet
204Kb / 4P
   9.9mm (0.39INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC39-11CGKWA

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
   Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
   Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
   Low current operation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
SA36-11CGKWA KINGBRIGHT-SA36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
SA39-11CGKWA KINGBRIGHT-SA39-11CGKWA Datasheet
350Kb / 6P
   Low current operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com