Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ45A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMCJ45A
Description  Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ45A Datasheet(HTML) 1 Page - Micro Commercial Components

  SMCJ45A Datasheet HTML 1Page - Micro Commercial Components SMCJ45A Datasheet HTML 2Page - Micro Commercial Components SMCJ45A Datasheet HTML 3Page - Micro Commercial Components SMCJ45A Datasheet HTML 4Page - Micro Commercial Components SMCJ45A Datasheet HTML 5Page - Micro Commercial Components SMCJ45A Datasheet HTML 6Page - Micro Commercial Components SMCJ45A Datasheet HTML 7Page - Micro Commercial Components SMCJ45A Datasheet HTML 8Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Mechanical Data
l
CASE: JEDEC DO-214AB molded plastic body over
passivated junction
l
Terminals: solderable per MIL-STD-750, Method 2026
l
Polarity: Color band denotes positive end( cathode) except
Bi-directional types.
l
Standard packaging: 16mm tape per ( EIA 481).
l
Weight: 0.007 ounce, 0.21 gram
Maximum Ratings @ 25oC Unless Otherwise Specified
Peak Pulse Current on
10/1000us
waveform(Note1, Fig3)
IPPM
See Table 1 Amps
Peak Pulse Power
Disspation on 10/1000us
waveform(Note1,2,Fig1)
PPPM
Minimum
1500
Watts
Peak forward surge
current (JEDEC
Method) (Note 2,3)
IFSM)
200.0
Amps
Operation And Storage
Temperature Range
TJ,
TSTG
-55
oC to
+150
oC
NOTES:
1.
Non-repetitive current pulse per Fig.3 and derated above TA=25
oC per Fig.2.
2.
Mounted on 8.0mm
2 copper pads to each terminal.
3.
8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. Minutes maximum.
SMCJ5.0
THRU
SMCJ170CA
Transient
Voltage Suppressor
5.0 to 170 Volts
1500 Watt
www.mccsemi.com
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
0.060”
0.185
0.121”
SUGGESTED SOLDER
PAD LAYOUT
G
H
E
D
F
A
B
C
DO-214AB
(SMCJ) (
LEAD FRAME)
l
For surface mount application in order to optimize board space
l
Low inductance
l
Low profile package
l
Built-in strain relief
l
Glass passivated junction
l
Excellent clamping capability
l
Repetition Rate( duty cycle): 0.05%
l
Fast response time: typical less than 1ps from 0V to BV min
l
Typical ID less than 1uA above 10V
l
High temperature soldering: 260
oC/10 seconds at terminals
l
Plastic package has Underwrites Laboratory Flammability
Classification 94V-O
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
Version: 3
2003/01/01


Similar Part No. - SMCJ45A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ45A DCCOM-SMCJ45A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ45A VISHAY-SMCJ45A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMCJ45A VISHAY-SMCJ45A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
SMCJ45A VISHAY-SMCJ45A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Taiwan Semiconductor Co...
SMCJ45A TSC-SMCJ45A Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ45A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ33CA-TP MCC-SMCJ33CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com