Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP4060YD Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP4060YD
Description  Reliable and rugged
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP4060YD Datasheet(HTML) 2 Page - Kingbright Corporation

  WP4060YD Datasheet HTML 1Page - Kingbright Corporation WP4060YD Datasheet HTML 2Page - Kingbright Corporation WP4060YD Datasheet HTML 3Page - Kingbright Corporation WP4060YD Datasheet HTML 4Page - Kingbright Corporation WP4060YD Datasheet HTML 5Page - Kingbright Corporation WP4060YD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAF3408
REV NO: V.5B
DATE: JAN/17/2015
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: P.Cheng
ERP: 1101004310
Selection Guide
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP4060YD
Yellow (GaAsP/GaP)
Yellow Diffused
4
8
70
°
Iv (mcd) [2]
@ 10mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Yellow
2.1
2.5
V
IF=20mA
IR
Reverse Current
Yellow
10
uA
VR = 5V
Parameter
Yellow
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - WP4060YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP4060YD KINGBRIGHT-WP4060YD_15 Datasheet
321Kb / 6P
   1.8mm SOLID STATE LAMP
More results

Similar Description - WP4060YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP4060ED KINGBRIGHT-WP4060ED Datasheet
321Kb / 6P
   Reliable and rugged
WP4060GD KINGBRIGHT-WP4060GD Datasheet
320Kb / 6P
   Reliable and rugged
WP4060SRD KINGBRIGHT-WP4060SRD Datasheet
319Kb / 6P
   Reliable and rugged
logo
SamHop Microelectronics...
SDF04N40 SAMHOP-SDF04N40 Datasheet
196Kb / 11P
   Rugged and reliable
logo
SemiHow Co.,Ltd.
HRLE550P03K SEMIHOW-HRLE550P03K Datasheet
672Kb / 7P
   Reliable and Rugged
HRO400N10K SEMIHOW-HRO400N10K Datasheet
234Kb / 7P
   Reliable and Rugged
logo
SamHop Microelectronics...
SDF02N20 SAMHOP-SDF02N20 Datasheet
218Kb / 11P
   Rugged and reliable
SDF02N65 SAMHOP-SDF02N65 Datasheet
193Kb / 11P
   Rugged and reliable
SDF03N80 SAMHOP-SDF03N80 Datasheet
195Kb / 11P
   Rugged and reliable
logo
SemiHow Co.,Ltd.
HRLO125N06K SEMIHOW-HRLO125N06K Datasheet
214Kb / 7P
   Reliable and Rugged
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com