Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C3211 Datasheet(PDF) 3 Page - Macronix International

Part # MX23C3211
Description  5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C3211 Datasheet(HTML) 3 Page - Macronix International

  MX23C3211 Datasheet HTML 1Page - Macronix International MX23C3211 Datasheet HTML 2Page - Macronix International MX23C3211 Datasheet HTML 3Page - Macronix International MX23C3211 Datasheet HTML 4Page - Macronix International MX23C3211 Datasheet HTML 5Page - Macronix International MX23C3211 Datasheet HTML 6Page - Macronix International MX23C3211 Datasheet HTML 7Page - Macronix International MX23C3211 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
P/N:PM0258
REV. 3.0, JUL. 17, 2001
MX23C3211
DC CHARACTERISTICS (Ta = 0°C ~ 70°C, VCC = 5V±10%)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
2.4V
-
IOH = -1.0mA
Output Low Voltage
VOL
-
0.4V
IOL = 2.1mA
Input High Voltage
VIH
2.2V
VCC+0.3V
Input Low Voltage
VIL
-0.3V
0.8V
Input Leakage Current
ILI
-
5uA
0V, VCC
Output Leakage Current
ILO
-
5uA
0V, VCC
Operating Current
ICC1
-
60mA
tRC = 100ns, all output open
Standby Current (TTL)
ISTB1
-
1mA
CE = VIH
Standby Current (CMOS)
ISTB2
-
50uA
CE>VCC-0.2V
Input Capacitance
CIN
-
10pF
Ta = 25°C, f = 1MHZ
Output Capacitance
COUT
-
10pF
Ta = 25°C, f = 1MHZ
AC CHARACTERISTICS (Ta = 0°C ~ 70°C, VCC = 5V±10%)
Item
Symbol
23C3211-10
23C3211-12
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
100ns
-
120ns
-
Address Access Time
tAA
-
100ns
-
120ns
Chip Enable Access Time
tACE
-
100ns
-
120ns
Page Mode Access Time
tPA
-
30ns
-
50ns
Output Enable Time
tOE
-
30ns
-
50ns
Output Hold After Address
tOH
0ns
-
0ns
-
Output High Z Delay
tHZ
-
20ns
-
20ns
Note:Output high-impedance delay (tHZ) is measured
from OE or CE going high, and this parameter guaran-
teed by design over the full voltage and temperature op-
erating range - not tested.
AC Test Conditions
Input Pulse Levels
0.4V~ 3.3V
Input Rise and Fall Times
10ns
Input Timing Level
1.5V
Output Timing Level
0.8V and 2.0V
Output Load
See Figure
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=2.1mA
IOH (load)=-1mA


Similar Part No. - MX23C3211

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3210 MCNIX-MX23C3210 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3210 MCNIX-MX23C3210 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23C3210MC-10 MCNIX-MX23C3210MC-10 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C3210MC-10 MCNIX-MX23C3210MC-10 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23C3210MC-10G MCNIX-MX23C3210MC-10G Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23C3211

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C3210 MCNIX-MX23C3210 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
MX23C1611 MCNIX-MX23C1611 Datasheet
477Kb / 9P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L6422 MCNIX-MX23L6422 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Generalplus Technology ...
GPR23L1611D GENERALPLUS-GPR23L1611D Datasheet
187Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Macronix International
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
   128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com