Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC2G125 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC2G125
Description  DUAL 4-INPUT NAND GATES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC2G125 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC2G125_15 Datasheet HTML 1Page - Unisonic Technologies U74AHC2G125_15 Datasheet HTML 2Page - Unisonic Technologies U74AHC2G125_15 Datasheet HTML 3Page - Unisonic Technologies U74AHC2G125_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHC2G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-A57.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
-0.5
+7.0
V
Input Voltage
VI
-0.5
+7.0
V
Input Clamping Current
IIK
VI<-0.5V
-20
mA
Output Clamping Current
IOK
VO<-0.5V or VO>VCC+0.5V
±20
mA
Output Current
IO
VO=-0.5V ~ (VCC+0.5V)
±25
mA
Supply Current
ICC
75
mA
Ground Current
IGND
-75
mA
Power Dissipation
PD
300
mW
Storage Temperature
TSTG
-65
+150
°C
Note: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
2
5
5.5
V
Input Voltage
VI
0
5.5
V
Output Voltage
VO
0
VCC
V
VCC=3.3V±0.3V
100
Input Transition Rise and Fall Rate
∆t/∆V
VCC=5V±0.5V
20
ns/V
Ambient Temperature
TA
-40
+25
+125
°C
Note: Voltages are referenced to GND (ground=0V).
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=2V
1.5
VCC=3V
2.1
High-level Input Voltage
VIH
VCC=5.5V
3.85
V
VCC=2V
0.5
VCC=3V
0.9
Low-level Input Voltage
VIL
VCC=5.5V
1.65
V
VCC=2V, IOH=-50μA
1.9
2.0
VCC=3V, IOH=-50μA
2.9
3.0
VCC=4.5V, IOH=-50μA
4.4
4.5
VCC=3V, IOH=-4mA
2.58
Output Voltage High-level
VOH
VCC=4.5V, IOH=-8mA
3.94
V
VCC=2V, IOL=50μA
0
0.1
VCC=3V, IOL=50μA
0
0.1
VCC=4.5V, IOL=50μA
0
0.1
VCC=3V, IOL=4mA
0.36
Output Voltage Low-level
VOL
VCC=4.5V, IOL=8mA
0.36
V
Input Leakage Current
II
VCC=0 to 5.5V, VI= 5.5V or GND
±0.1
μA
OFF-state output current
IOZ
VCC=5.5V, VI= VCC or GND
0.25
μA
Quiescent Supply Current
ICC
VCC=5.5V, VI=VCC or GND, IO=0
1
μA


Similar Part No. - U74AHC2G125_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125_15 Datasheet
227Kb / 4P
   DUAL 4-INPUT NAND GATES
More results

Similar Description - U74AHC2G125_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_11 Datasheet
127Kb / 8P
   Dual 4-Input NAND Gates
June, 2011 ??Rev. 9
logo
Unisonic Technologies
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
   DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20 Datasheet
167Kb / 4P
   DUAL 4-INPUT NAND GATES
logo
Texas Instruments
54LS20J TI1-54LS20J Datasheet
336Kb / 8P
[Old version datasheet]   Dual 4-Input NAND Gates
logo
Unisonic Technologies
U74HC20 UTC-U74HC20 Datasheet
172Kb / 5P
   DUAL 4-INPUT NAND GATES
U74HC20 UTC-U74HC20_15 Datasheet
191Kb / 5P
   DUAL 4-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
   Dual 4-Input NAND Gates
logo
Hitachi Semiconductor
HD74HC20 HITACHI-HD74HC20 Datasheet
45Kb / 8P
   Dual 4-input NAND Gates
logo
National Semiconductor ...
54LS20 NSC-54LS20 Datasheet
124Kb / 6P
   Dual 4-Input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_14 Datasheet
105Kb / 7P
   Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com