Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC21G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC21G-P14-R
Description  DUAL 4-INPUT AND GATES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC21G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC21G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC21G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC21G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC21G-P14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHC21
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R126-012.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Clamp Current(VI<0)
IIK
-20
mA
Output Clamp Current(VO<0 or VO>VCC)
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
5.5
V
Input Voltage
VIN
0
Vcc
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate △t/△V
tR, tF
VCC=3V±0.3V
100
ns
VCC=5V±0.5V
20
ns
Operating Temperature
TA
-40
85
°C
STATIC CHARACTERISTICS (TA = 25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC= 2 V
1.5
V
VCC= 3V
2.1
V
VCC= 5.5 V
3.85
V
Low-Level Input Voltage
VIL
VCC= 2 V
0.5
V
VCC= 3V
0.9
V
VCC= 5.5 V
1.65
V
High-Level Output Voltage
VOH
VCC= 2V, IOH = 50µA
1.9
V
VCC= 3V, IOH = 50µA
2.9
V
VCC= 4.5V, IOH =50µA
4.4
V
VCC= 3V, IOH = 4mA
2.58
V
VCC= 4.5V, IOH = 8mA
3.94
V
Low-Level Output Voltage
VOL
VCC= 2V, IOH = 50µA
0.1
V
VCC= 3V, IOH = 50µA
0.1
V
VCC= 4.5V, IOH =50µA
0.1
V
VCC= 3V, IOH = 4mA
0.36
V
VCC= 4.5V, IOH = 8mA
0.36
V
Input Leakage Current
II(LEAK)
VCC= 6V ,VIN = VCC or GND
±0.1
uA
Quiescent Supply Current
Icc
VCC= 5.5V, VIN = VCC or GND, IOUT = 0
2
µA
Input Capacitance
CIN
VCC=5V
4
pF
DYNAMIC CHARACTERISTICS ( Input: tR=tF=3ns, 25°C, unless otherwise specified )
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Propagation delay from input
(A ,B,C,D) to output(Y)
tPLH
tPHL
VCC=3.3±0.3V
CL=15pF
6.2
8.8
ns
CL=50pF
8.7
12.3
ns
VCC=5±0.5V
CL=15pF
4.5
5.9
ns
CL=50pF
5.8
7.9
ns
OPERATING CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Cpd
No load
18
pF


Similar Part No. - U74AHC21G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC20G-P14-R UTC-U74AHC20G-P14-R Datasheet
227Kb / 4P
   DUAL 4-INPUT NAND GATES
U74AHC20G-P14-R UTC-U74AHC20G-P14-R Datasheet
160Kb / 4P
   DUAL 4-INPUT NAND GATES
U74AHC20G-S14-R UTC-U74AHC20G-S14-R Datasheet
227Kb / 4P
   DUAL 4-INPUT NAND GATES
U74AHC20G-S14-R UTC-U74AHC20G-S14-R Datasheet
160Kb / 4P
   DUAL 4-INPUT NAND GATES
U74AHC245 UTC-U74AHC245 Datasheet
211Kb / 5P
   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - U74AHC21G-P14-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC21 HITACHI-HD74HC21 Datasheet
45Kb / 8P
   Dual 4-input AND Gates
logo
National Semiconductor ...
DM74LS21 NSC-DM74LS21 Datasheet
120Kb / 6P
   Dual 4-Input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21 Datasheet
172Kb / 5P
   DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21_15 Datasheet
173Kb / 4P
   DUAL 4-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC21 RENESAS-HD74HC21_15 Datasheet
124Kb / 9P
   Dual 4-input AND Gates
logo
Unisonic Technologies
U74HCT21 UTC-U74HCT21 Datasheet
173Kb / 4P
   DUAL 4-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC21 RENESAS-HD74HC21 Datasheet
92Kb / 7P
   Dual 4-input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21_15 Datasheet
165Kb / 5P
   DUAL 4-INPUT AND GATES
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com