Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AUC1G08 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74AUC1G08
Description  SINGLE 2-INPUT AND GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AUC1G08 Datasheet(HTML) 5 Page - Unisonic Technologies

  U74AUC1G08_15 Datasheet HTML 1Page - Unisonic Technologies U74AUC1G08_15 Datasheet HTML 2Page - Unisonic Technologies U74AUC1G08_15 Datasheet HTML 3Page - Unisonic Technologies U74AUC1G08_15 Datasheet HTML 4Page - Unisonic Technologies U74AUC1G08_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74AUC1G08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R126-015.B
TEST CIRCUIT AND WAVEFORMS
VCC
CL
RL
VM
0.8V
15pF
2kΩ
VCC/2
1.2V±0.1V
15pF
2kΩ
VCC/2
1.5V±0.1V
15pF
2kΩ
VCC/2
1.8V±0.15V
15pF
2kΩ
VCC/2
2.5V±0.2V
15pF
2kΩ
VCC/2
1.8V±0.15V
30pF
1kΩ
VCC/2
2.5V±0.2V
30pF
500Ω
VCC/2
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO = 50Ω.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74AUC1G08_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUC1G00G-AE5-R UTC-U74AUC1G00G-AE5-R Datasheet
189Kb / 5P
   SINGLE 2-INPUT NAND GATE
U74AUC1G00G-AL5-R UTC-U74AUC1G00G-AL5-R Datasheet
189Kb / 5P
   SINGLE 2-INPUT NAND GATE
U74AUC1G00 UTC-U74AUC1G00_15 Datasheet
189Kb / 5P
   SINGLE 2-INPUT NAND GATE
U74AUC1G02G-AE5-R UTC-U74AUC1G02G-AE5-R Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
U74AUC1G02G-AL5-R UTC-U74AUC1G02G-AL5-R Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
More results

Similar Description - U74AUC1G08_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com