Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C4100 Datasheet(PDF) 3 Page - Macronix International

Part # MX23C4100
Description  4M-BIT [512K x 8/256K x 16] MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C4100 Datasheet(HTML) 3 Page - Macronix International

  MX23C4100 Datasheet HTML 1Page - Macronix International MX23C4100 Datasheet HTML 2Page - Macronix International MX23C4100 Datasheet HTML 3Page - Macronix International MX23C4100 Datasheet HTML 4Page - Macronix International MX23C4100 Datasheet HTML 5Page - Macronix International MX23C4100 Datasheet HTML 6Page - Macronix International MX23C4100 Datasheet HTML 7Page - Macronix International MX23C4100 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
P/N:PM0136
REV. 3.8, JUN. 19, 2003
MX23C4100
CAPACITANCE (Ta = 25
° C, f=1.0MHz (Note 2))
Item
Symbol
MIN.
MAX.
UNIT
Conditions
Input Capacitance
CIN
-
10
pF
VIN=0V
Output Capacitance
COUT
-
10
pF
VOUT=0V
AC Test Conditions
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Times
10ns
Input Timing Level
1.5V
Output Timing Level
0.8V and 2.0V
Output Load
1TLL+100pF
AC CHARACTERISTICS (Ta = 0
° C ~ 70° C, VCC = 5V±10%)
Item
Symbol
23C4100-10
23C4100-12
23C4100-15
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Cycle Time
tCYC
100ns
-
120ns
-
150ns
-
Address Access Time
tAA
-
100ns
-
120ns
-
150ns
Output Hold Time After
tOH
0ns
-
0ns
-
0ns
-
Address Change
Chip Enable Access Time
tACE
-
100ns
-
120ns
-
150ns
Output Enable Select
tAOE
-
50ns
-
70ns
-
80ns
Access Time
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
Note:
1. Measured with device selected at f=5 MHz and output unloaded.
2. This parameter is periodically sampled and is not 100% teseted.


Similar Part No. - MX23C4100

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4000 MCNIX-MX23C4000 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-10 MCNIX-MX23C4000MC-10 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-12 MCNIX-MX23C4000MC-12 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-15 MCNIX-MX23C4000MC-15 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-90 MCNIX-MX23C4000MC-90 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
More results

Similar Description - MX23C4100

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
King blillion Electroni...
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com