Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC4049 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC4049
Description  HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4049 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC4049_15 Datasheet HTML 1Page - Unisonic Technologies U74HC4049_15 Datasheet HTML 2Page - Unisonic Technologies U74HC4049_15 Datasheet HTML 3Page - Unisonic Technologies U74HC4049_15 Datasheet HTML 4Page - Unisonic Technologies U74HC4049_15 Datasheet HTML 5Page - Unisonic Technologies U74HC4049_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74HC4049
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-890.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7.0
V
Input Voltage
VIN
-0.5 ~ +16
V
VCC or GND Current
ICC
±50
mA
Continuous Output Current (VOUT=0 to VCC )
IOUT
±25
mA
Input Clamp Current (VIN<-0.5)
IIK
-20
mA
Output Clamp Current (VOUT<-0.5 or VOUT> VCC +0.5)
IOK
±20
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
2.0
5.0
6.0
V
Input Voltage
VIN
0
15
V
Output Voltage
VOUT
High or low state
0
VCC
V
Operating Temperature
TA
-40
+25
125
°C
Input Transition Rise or Fall Rate
Δt/Δv
VCC=2.0V
1000
ns/V
VCC=4.5V
500
ns/V
VCC=6.0V
400
ns/V
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level Input Voltage
VIH
VCC=2.0V
1.5
1.3
V
VCC=4.5V
3.15
2.4
V
VCC=6.0V
4.2
3.1
V
Low-level Input Voltage
VIL
VCC=2.0V
0.7
0.5
V
VCC=4.5V
1.8
1.35
V
VCC=6.0V
2.3
1.8
V
High-Level Output Voltage
VOH
VCC=2.0V, IOL=-20μA
1.9
2.0
V
VCC=4.5V, IOL=-20μA
4.4
4.5
V
VCC=6.0V, IOL=-20μA
5.9
6.0
V
VCC=4.5V, IOL=-4.0mA
3.98
V
VCC=6.0V, IOL=-5.2mA
5.48
V
Low-Level Output Voltage
VOL
VCC=2.0V, IOL=20μA
0.1
V
VCC=4.5V, IOL=20μA
0.1
V
VCC=6.0V, IOL=20μA
0.1
V
VCC=4.5V, IOL=4.0mA
0.26
V
VCC=6.0V, IOL=5.2mA
0.26
V
Input Leakage Current
II(LEAK)
VCC=6.0V, VIN=VCC or GND
±0.1
μA
VCC=6.0V, VIN=15V
±0.5
μA
Quiescent Supply Current
ICC
VCC=6.0V, VIN=15V or GND, IOUT=0
2.0
μA
Input Capacitance
CI
3.5
pF


Similar Part No. - U74HC4049_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4049G-P16-R UTC-U74HC4049G-P16-R Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
U74HC4049G-P16-T UTC-U74HC4049G-P16-T Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
U74HC4049G-S16-R UTC-U74HC4049G-S16-R Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
U74HC4049G-S16-T UTC-U74HC4049G-S16-T Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
U74HC4049L-P16-R UTC-U74HC4049L-P16-R Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
More results

Similar Description - U74HC4049_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4049 PHILIPS-74HC4049 Datasheet
41Kb / 7P
   Hex inverting high-to-low level shifter
December 1990
logo
Unisonic Technologies
U74HC4049 UTC-U74HC4049 Datasheet
175Kb / 6P
   HEX INVERTING HIGH-TO-LOW LEVEL SHIFTER
logo
Nexperia B.V. All right...
74HC4049 NEXPERIA-74HC4049 Datasheet
221Kb / 11P
   Hex inverting HIGH-to-LOW level shifter
Rev. 8 - 16 March 2021
74HC4050 NEXPERIA-74HC4050 Datasheet
219Kb / 11P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 5 - 3 August 2021
74HC4050-Q100 NEXPERIA-74HC4050-Q100 Datasheet
703Kb / 13P
   Hex non-inverting HIGH-to-LOW level shifter
logo
NXP Semiconductors
74HC4050 PHILIPS-74HC4050_15 Datasheet
144Kb / 15P
   Hex non-inverting HIGH-to-LOW level shifter
Rev. 3-31 January 2013
74HC4050 PHILIPS-74HC4050 Datasheet
40Kb / 7P
   Hex high-to-low level shifter
December 1990
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Texas Instruments
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com