Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C4000QC-12 Datasheet(PDF) 8 Page - Macronix International

Part # MX23C4000QC-12
Description  4M-BIT MASK ROM (8 BIT OUTPUT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C4000QC-12 Datasheet(HTML) 8 Page - Macronix International

  MX23C4000QC-12 Datasheet HTML 1Page - Macronix International MX23C4000QC-12 Datasheet HTML 2Page - Macronix International MX23C4000QC-12 Datasheet HTML 3Page - Macronix International MX23C4000QC-12 Datasheet HTML 4Page - Macronix International MX23C4000QC-12 Datasheet HTML 5Page - Macronix International MX23C4000QC-12 Datasheet HTML 6Page - Macronix International MX23C4000QC-12 Datasheet HTML 7Page - Macronix International MX23C4000QC-12 Datasheet HTML 8Page - Macronix International MX23C4000QC-12 Datasheet HTML 9Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
P/N:PM0135
REV. 4.2, JUN. 19, 2003
MX23C4000
REVISION HISTORY
REVISION
DESCRIPTION
PAGE
DATE
3.7
AC Characteristics: tOH 10ns --> 0ns
P3
JAN/29/1999
3.8
Add 4000PC-90 32 pin PDIP
P1
JUN/02/1999
3.9
Modify DC Characteristics:ILI/ILO:5uA-->10uA;
P2
OCT/17/2000
ISTB2:100mA-->100uA
P2
4.0
Modify Package Information
P4~7
JUL/16/2001
4.1
Modify Package Information
P4~7
NOV/21/2001
4.2
Added "ABSOLUTE MAXIMUM RATINGS" note
P2
JUN/19/2003


Similar Part No. - MX23C4000QC-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
MX23C4096PC-10 ETC-MX23C4096PC-10 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
MX23C4096PC-12 ETC-MX23C4096PC-12 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
MX23C4096PC-15 ETC-MX23C4096PC-15 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
MX23C4096PC-20 ETC-MX23C4096PC-20 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
More results

Similar Description - MX23C4000QC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L4000 MCNIX-MX23L4000 Datasheet
329Kb / 7P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L4100 MCNIX-MX23L4100 Datasheet
457Kb / 7P
   4M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
23C1010 MCNIX-23C1010 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
23C2000 MCNIX-23C2000 Datasheet
58Kb / 8P
   2M-BIT MASK ROM (8 BIT OUTPUT)
logo
King blillion Electroni...
HF88M32B KB-HF88M32B Datasheet
365Kb / 15P
   command interfaced 4M x 8 bit Mask ROM
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com