Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C8000QC-10 Datasheet(PDF) 5 Page - Macronix International

Part # MX23C8000QC-10
Description  8M-BIT [1M x 8] CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C8000QC-10 Datasheet(HTML) 5 Page - Macronix International

  MX23C8000QC-10 Datasheet HTML 1Page - Macronix International MX23C8000QC-10 Datasheet HTML 2Page - Macronix International MX23C8000QC-10 Datasheet HTML 3Page - Macronix International MX23C8000QC-10 Datasheet HTML 4Page - Macronix International MX23C8000QC-10 Datasheet HTML 5Page - Macronix International MX23C8000QC-10 Datasheet HTML 6Page - Macronix International MX23C8000QC-10 Datasheet HTML 7Page - Macronix International MX23C8000QC-10 Datasheet HTML 8Page - Macronix International MX23C8000QC-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
P/N:PM0137
REV. 4.3, JUL. 03, 2003
MX23C8000
ORDER INFORMATION
Part No.
Access Time
Operating Current MAX.
Standby Current MAX.
Package
MX23C8000PC-10
100ns
25mA
15uA
32 pin DIP
MX23C8000MC-10
100ns
25mA
15uA
32 pin SOP
MX23C8000QC-10
100ns
25mA
15uA
32 pin PLCC
MX23C8000TC-10
100ns
25mA
15uA
32 pin TSOP
MX23C8000PC-12
120ns
25mA
15uA
32 pin DIP
MX23C8000MC-12
120ns
25mA
15uA
32 pin SOP
MX23C8000QC-12
120ns
25mA
15uA
32 pin PLCC
MX23C8000TC-12
120ns
25mA
15uA
32 pin TSOP
MX23C8000PC-15
150ns
25mA
15uA
32 pin DIP
MX23C8000MC-15
150ns
25mA
15uA
32 pin SOP
MX23C8000QC-15
150ns
25mA
15uA
32 pin PLCC
MX23C8000TC-15
150ns
25mA
15uA
32 pin TSOP
MX23C8000PC-20
200ns
25mA
15uA
32 pin DIP
MX23C8000MC-20
200ns
25mA
15uA
32 pin SOP
MX23C8000QC-20
200ns
25mA
15uA
32 pin PLCC
MX23C8000TC-20
200ns
25mA
15uA
32 pin TSOP


Similar Part No. - MX23C8000QC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100 Datasheet
42Kb / 6P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23C8100MC-10 MCNIX-MX23C8100MC-10 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23C8100MC-10 MCNIX-MX23C8100MC-10 Datasheet
42Kb / 6P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23C8100MC-12 MCNIX-MX23C8100MC-12 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
More results

Similar Description - MX23C8000QC-10

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
logo
Toshiba Semiconductor
TC531001 TOSHIBA-TC531001 Datasheet
235Kb / 5P
   1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
logo
Macronix International
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com