Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L12810TC-10 Datasheet(PDF) 1 Page - Macronix International

Part # MX23L12810TC-10
Description  NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM FOR TSOP PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L12810TC-10 Datasheet(HTML) 1 Page - Macronix International

  MX23L12810TC-10 Datasheet HTML 1Page - Macronix International MX23L12810TC-10 Datasheet HTML 2Page - Macronix International MX23L12810TC-10 Datasheet HTML 3Page - Macronix International MX23L12810TC-10 Datasheet HTML 4Page - Macronix International MX23L12810TC-10 Datasheet HTML 5Page - Macronix International MX23L12810TC-10 Datasheet HTML 6Page - Macronix International MX23L12810TC-10 Datasheet HTML 7Page - Macronix International MX23L12810TC-10 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
P/N:PM0592
REV. 1.8, OCT. 15, 2001
FEATURES
• Bit organization
- 16M x 8 (byte mode)
- 8M x 16 (word mode)
• Fast access time
- Random access: 100ns (max.)
• Current
- Operating:30mA
- Standby:15uA(max.)
PIN CONFIGURATION
MX23L12810
NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM
FORTSOPPACKAGE
• Supply voltage
- 2.7V~3.6V for 120ns
- 3.0V~3.6V for 100ns
• Package
- 48 pin TSOP (12mm x 20mm)
- 48 pin TSOP reverse type
• Temperature
- 0 ~ 70°C
48 TSOP (Top View)
48 TSOP (Top View)
BYTE
A16
A15
A14
A13
A12
A11
A10
A9
A8
A19
A21
A20
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VSS
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
VCC
A22
D11
D3
D10
D2
D9
D1
D8
D0
OE
VSS
VSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX23L12810
(Normal Type)
BYTE
A16
A15
A14
A13
A12
A11
A10
A9
A8
A19
A21
A20
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VSS
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
VCC
A22
D11
D3
D10
D2
D9
D1
D8
D0
OE
VSS
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
MX23L12810
(Reverse Type)
PRELIMINARY


Similar Part No. - MX23L12810TC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L12810 MCNIX-MX23L12810 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
MX23L12810A MCNIX-MX23L12810A Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
MX23L12810AMC-10G MCNIX-MX23L12810AMC-10G Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
MX23L12810AMC-12G MCNIX-MX23L12810AMC-12G Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
MX23L12810MC-10 MCNIX-MX23L12810MC-10 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
More results

Similar Description - MX23L12810TC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L12811-1 MCNIX-MX23L12811-1 Datasheet
590Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM WITH PAGE MODE(TSOP PACKAGE)
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L12810 MCNIX-MX23L12810 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
   128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
MX23L12811 MCNIX-MX23L12811 Datasheet
180Kb / 6P
   128M-BIT (8M x 16) MASK ROM WITH PAGE MODE(SOP ONLY)
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com