Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ64 Datasheet(PDF) 5 Page - Micro Commercial Components

Part # SMCJ64
Description  Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ64 Datasheet(HTML) 5 Page - Micro Commercial Components

  SMCJ64 Datasheet HTML 1Page - Micro Commercial Components SMCJ64 Datasheet HTML 2Page - Micro Commercial Components SMCJ64 Datasheet HTML 3Page - Micro Commercial Components SMCJ64 Datasheet HTML 4Page - Micro Commercial Components SMCJ64 Datasheet HTML 5Page - Micro Commercial Components SMCJ64 Datasheet HTML 6Page - Micro Commercial Components SMCJ64 Datasheet HTML 7Page - Micro Commercial Components SMCJ64 Datasheet HTML 8Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMCJ5.0 THRU SMCJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE@IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MCC PART
NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING
CODE
SMCJ130
130
144
176
1
231
6.5
5
GHH
SMCJ130A
130
144
159
1
209
7.2
5
GHK
SMCJ150
150
167
204
1
268
5.6
5
GHL
SMCJ150A
150
167
185
1
243
6.2
5
GHM
SMCJ160
160
178
218
1
287
5.2
5
GHN
SMCJ160A
160
178
197
1
259
5.8
5
GHP
SMCJ170
170
189
231
1
304
4.9
5
GHQ
SMCJ170A
170
189
209
1
275
5.5
5
GHR
www.mccsemi.com
MCC
Version: 3
2003/01/01


Similar Part No. - SMCJ64

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ64 DCCOM-SMCJ64 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ64 TSC-SMCJ64 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
UNIOHM CORPORATION
SMCJ64 UNIOHM-SMCJ64 Datasheet
359Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
SMCJ64 SUNMATE-SMCJ64 Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Formosa MS
SMCJ64 FORMOSA-SMCJ64 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ64

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ33CA-TP MCC-SMCJ33CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com