Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2-71083-LR Datasheet(PDF) 9 Page - Intersil Corporation

Part # D2-71083-LR
Description  Intelligent Digital Amplifier and Sound Processor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-71083-LR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button D2-71083-LR Datasheet HTML 5Page - Intersil Corporation D2-71083-LR Datasheet HTML 6Page - Intersil Corporation D2-71083-LR Datasheet HTML 7Page - Intersil Corporation D2-71083-LR Datasheet HTML 8Page - Intersil Corporation D2-71083-LR Datasheet HTML 9Page - Intersil Corporation D2-71083-LR Datasheet HTML 10Page - Intersil Corporation D2-71083-LR Datasheet HTML 11Page - Intersil Corporation D2-71083-LR Datasheet HTML 12Page - Intersil Corporation D2-71083-LR Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
D2-7xx83
9
FN7838.2
September 29, 2011
Two-Wire (I2C) Interface Port Timing
(Figure 2) TA = +25°C, CVDD = PLLVDD = 1.8V ±5%, RVDD = PWMVDD = 3.3V ±10%.
All grounds at 0.0V. All voltages referenced to ground.
SYMBOL
DESCRIPTION
MIN
(Note 10)
TYPICAL
MAX
(Note 10)
UNIT
fSCL
SCL Frequency
100
kHz
tbuf
Bus Free Time Between Transmissions
4.7
µs
twlowSCLx
SCL Clock Low
4.7
µs
twhighSCLx
SCL Clock High
4.0
µs
tsSTA
Setup Time For a (Repeated) Start
4.7
µs
thSTA
Start Condition Hold Time
4.0
µs
thSDAx
SDA Hold From SCL Falling (Note 12)
1
µs
tsSDAx
SDA Setup Time to SCL Rising
250
ns
tdSDAx
SDA Output Delay Time From SCL Falling (Note 13)
3.5
µs
tr
Rise Time of Both SDA and SCL (Note 13)
1
µs
tf
Fall Time of Both SDA and SCL (Note 13)
300
ns
tsSTO
Setup Time For a Stop Condition
4.7
µs
NOTE:
12. Data is clocked in as valid on next XTALI rising edge after SCL goes low.
13. Limits established by characterization and not production tested.
FIGURE 2. I2C INTERFACE TIMING
twhighSCLx
twlowSCLx
SCLx
tsSTA
SDAx (INPUT)
SDAx (OUTPUT)
thSDAx
tsSDAx
tBUF
tsSTO
tF
tR
thSTAx
tdSDAx


Similar Part No. - D2-71083-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-71083-LR INTERSIL-D2-71083-LR Datasheet
767Kb / 32P
   Powered Speaker Systems
logo
Renesas Technology Corp
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
   Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
More results

Similar Description - D2-71083-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-92683-QR INTERSIL-D2-92683-QR Datasheet
105Kb / 3P
   Intelligent Digital Amplifier and Sound Processor
logo
Renesas Technology Corp
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
   Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
D2-92633-LR RENESAS-D2-92633-LR Datasheet
1Mb / 40P
   Intelligent Digital Amplifier and Sound Processor
Oct 24, 2022
logo
Intersil Corporation
D2-92633-LR INTERSIL-D2-92633-LR Datasheet
888Kb / 38P
   Intelligent Digital Amplifier and Sound Processor
July 12, 2012
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Renesas Technology Corp
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
   Sound Processor for Digital and Analog Surround Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com