Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2-24044-MR Datasheet(PDF) 9 Page - Intersil Corporation

Part # D2-24044-MR
Description  Digital Audio Amplifier Power Stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-24044-MR Datasheet(HTML) 9 Page - Intersil Corporation

Back Button D2-24044-MR Datasheet HTML 5Page - Intersil Corporation D2-24044-MR Datasheet HTML 6Page - Intersil Corporation D2-24044-MR Datasheet HTML 7Page - Intersil Corporation D2-24044-MR Datasheet HTML 8Page - Intersil Corporation D2-24044-MR Datasheet HTML 9Page - Intersil Corporation D2-24044-MR Datasheet HTML 10Page - Intersil Corporation D2-24044-MR Datasheet HTML 11Page - Intersil Corporation D2-24044-MR Datasheet HTML 12Page - Intersil Corporation D2-24044-MR Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN7678.0
September 3, 2010
Half-Bridge Typical Performance Curves
FIGURE 5. THD vs POWER, HALF-BRIDGE
FIGURE 6. THD vs FREQUENCY, HALF-BRIDGE
FIGURE 7. FREQUENCY RESPONSE, HALF-BRIDGE
FIGURE 8. NOISE FLOOR, HALF-BRIDGE
POWER (W)
0.02
10.00
0.05
0.10
0.20
0.50
1.00
2.00
5.00
0.06
20
0.1
0.2
0.5
1
2
5
10
HVDD = 24.0V,
8Ω LOAD, 1kHz
FREQUENCY (Hz)
0.001
1.000
0.002
0.005
0.010
0.020
0.050
0.100
0.200
0.500
20
20k
50
100 200
500
1k
2k
5k
10k
HVDD = 24.0V, 8Ω LOAD,
2.4W POWER OUT
-12
12
-10
-8
-6
-4
-2
-0
2
4
6
8
10
20
20k
50
100 200
500
1k
2k
5k
10k
DC RESPONSE WITHOUT
AC RESPONSE DUE TO LOUDSPEAKER
DC BLOCKING CAPACITOR
DC BLOCKING CAPACITOR
FREQUENCY (Hz)
HVDD = 24.0V,
8Ω LOAD, 1W
-125
-30
-120
-115
-110
-105
-100
-95
-90
-85
-45
-40
-35
-60
+0
-55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5
dBFS
-80
-75
-70
-65
-60
-55
-50
< -110dB, UN-WEIGHTED
NOISE FLOOR @ 1kHz, +24V RAIL,
SPDIF INPUT, 8Ω LOAD, UNITY DSP GAIN
D2-24044


Similar Part No. - D2-24044-MR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
341Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Renesas Technology Corp
D2-24044-MR RENESAS-D2-24044-MR Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044-MR-T INTERSIL-D2-24044-MR-T Datasheet
341Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Renesas Technology Corp
D2-24044-MR-T RENESAS-D2-24044-MR-T Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
More results

Similar Description - D2-24044-MR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
341Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Texas Instruments
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com