Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2-45057-QR-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # D2-45057-QR-T
Description  Intelligent Digital Amplifier PWM Controller and Audio Processor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-45057-QR-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button D2-45057-QR-T Datasheet HTML 3Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 4Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 5Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 6Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 7Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 8Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 9Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 10Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
D2-45057, D2-45157
7
FN6785.0
July 29, 2010
Two-Wire (I2C) Interface Port Timing TA = +25°C, CVDD = PLLVDD = 1.8V ±5%, RVDD = PWMVDD = 3.3V
±10%. All grounds at 0.0V. All voltages referenced to ground.
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
fSCL
SCL Frequency
-
100
kHz
tbuf
Bus Free Time Between Transmissions
4.7
-
µs
twlowSCLx
SCL Clock Low
4.7
-
µs
twhighSCLx
SCL Clock High
4.0
-
µs
tsSTA
Setup Time For a (Repeated) Start
4.7
-
µs
thSTA
Start Condition Hold Time
4.0
-
µs
thSDAx
SDA Hold From SCL Falling (Note 11)
1 (typical)
sys clk
tsSDAx
SDA Setup Time to SCL Rising
250
-
ns
tdSDAx
SDA Output Delay Time From SCL Falling
-
3.5
µs
tr
Rise Time of Both SDA and SCL (Note 12)
-
1
µs
tf
Fall Time of Both SDA and SCL (Note 12)
-
300
ns
tsSTO
Setup Time For a Stop Condition
4.7
-
µs
NOTES:
11. Data is clocked in as valid on next XTALI rising edge after SCL goes low.
12. Limits established by characterization and not production tested.
twlowSCLx
SCLx
SDAx
(INPUT)
tsSTA
thSTAx
tr
tf
tsSDAx
thSDAx
tsSTO
tbuf
SDAx
(OUTPUT)
tdSDAx
twhighSCLx
FIGURE 2. I2C INTERFACE TIMING


Similar Part No. - D2-45057-QR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-45057-QR-T INTERSIL-D2-45057-QR-T Datasheet
417Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Renesas Technology Corp
D2-45057-QR-T RENESAS-D2-45057-QR-T Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
More results

Similar Description - D2-45057-QR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Intersil Corporation
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Texas Instruments
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com