Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2MC-76083-LR Datasheet(PDF) 1 Page - Intersil Corporation

Part # D2MC-76083-LR
Description  Intelligent Digital Amplifier and Sound Processor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2MC-76083-LR Datasheet(HTML) 1 Page - Intersil Corporation

  D2MC-76083-LR Datasheet HTML 1Page - Intersil Corporation D2MC-76083-LR Datasheet HTML 2Page - Intersil Corporation D2MC-76083-LR Datasheet HTML 3Page - Intersil Corporation D2MC-76083-LR Datasheet HTML 4Page - Intersil Corporation D2MC-76083-LR Datasheet HTML 5Page - Intersil Corporation D2MC-76083-LR Datasheet HTML 6Page - Intersil Corporation D2MC-76083-LR Datasheet HTML 7Page - Intersil Corporation D2MC-76083-LR Datasheet HTML 8Page - Intersil Corporation D2MC-76083-LR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Intelligent Digital Amplifier and Sound Processor
D2-7xx83
The D2-7xx83 family of the DAE-6™ Digital Audio Engine™
devices are complete System-on Chip (SoC) audio processor
and Class-D amplifier controllers. Integrated DSP processing
and configurable audio processing algorithms provide an
extremely flexible platform for feature rich and cost-effective
quality audio solutions which benefit from the addition of
Class-D amplifiers and DSP audio processing, meeting
demands of consumer electronics applications.
The 12 integrated digital PWM controllers can be used in a
variety of multi-channel audio system configurations,
supporting powered as well as line outputs. Fully protected
amplifier control provides efficient and clean Class-D power
output support.
The DAE-6™ device family supports full audio decoding for
formats including Dolby® Digital, Dolby® Pro Logic IIx,
AAC™ LC, DTS® Digital Surround, DTS® ES, and DTS Neo:6®.
The DAE-6 is pin-compatible and function/feature compatible
with the DAE-3™ devices, enabling additional decoding
capability to existing designs, or providing cost optimization to
lower-featured systems not requiring the additional audio
processing and decode capability.
Applications
• Audio Video Receiver (AVR)
•DTV Soundbar
• Home Theater in A Box (HTiB)
• Multi-Channel Multi-Media (MM) Systems
• Multi-Room Distributed Audio (MRDA)
• Powered Speaker Systems
• Automotive Trunk/Amplified Solutions
Features
• Advanced DAE-6™ Digital Audio Engine™ IC
- Pin Compatible and Function/Feature Compatible with
the D2Audio® DAE-3™ Device
• Total System on Chip (SoC)
- All Digital Class-D Amplifier Controller
- Full 5.1/7.1/9.1-Channel Amplifier Platform Support
• Enhanced Audio Processing Decoders
-Dolby® Digital/AC3
-Dolby® Pro Logic IIx
-AAC LC™
-DTS® Digital Surround
-DTS® ES
-DTS Neo:6®
•D2Audio® SoundSuite™ Enhancement and Virtualization
• Mark Levinson MightyCat™ Audio Enhancement
• Expanded On-Chip Memory Capacity
• Integrated DSP Processing
- 12 Channels of Digital Signal Processing (DSP) including
Equalizers, Filters, Mixers and Other Common Audio
Processing Blocks
- Fully Configurable and Routable Audio Signal Paths
• Flexible Audio Input and Output Configurations
• Embedded 8-Channel Sample Rate Converter
- Sample Rates from 32kHz up to 192kHz
• Real-Time Amplifier Control and Monitoring
- Supports Bridged, Half-Bridged, and Bridge-Tied Load
(BTL) Topologies, Using Discrete or Integrated Power
Stages from 10W to Over 500W
- Complete Fault Protection with Automatic Recovery
September 29, 2011
FN7838.2


Similar Part No. - D2MC-76083-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2MC-76083-LR INTERSIL-D2MC-76083-LR Datasheet
767Kb / 32P
   Powered Speaker Systems
More results

Similar Description - D2MC-76083-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-92683-QR INTERSIL-D2-92683-QR Datasheet
105Kb / 3P
   Intelligent Digital Amplifier and Sound Processor
logo
Renesas Technology Corp
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
   Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
D2-92633-LR RENESAS-D2-92633-LR Datasheet
1Mb / 40P
   Intelligent Digital Amplifier and Sound Processor
Oct 24, 2022
logo
Intersil Corporation
D2-92633-LR INTERSIL-D2-92633-LR Datasheet
888Kb / 38P
   Intelligent Digital Amplifier and Sound Processor
July 12, 2012
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Renesas Technology Corp
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Intersil Corporation
D2-45057 INTERSIL-D2-45057_10 Datasheet
417Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
List of Unclassifed Man...
DPL4519 ETC-DPL4519 Datasheet
1Mb / 64P
   Sound Processor for Digital and Analog Surround Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com