Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5220TIYZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5220TIYZ
Description  12MHz Rail-to-Rail Input-Output Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5220TIYZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5220TIYZ Datasheet HTML 6Page - Intersil Corporation EL5220TIYZ Datasheet HTML 7Page - Intersil Corporation EL5220TIYZ Datasheet HTML 8Page - Intersil Corporation EL5220TIYZ Datasheet HTML 9Page - Intersil Corporation EL5220TIYZ Datasheet HTML 10Page - Intersil Corporation EL5220TIYZ Datasheet HTML 11Page - Intersil Corporation EL5220TIYZ Datasheet HTML 12Page - Intersil Corporation EL5220TIYZ Datasheet HTML 13Page - Intersil Corporation EL5220TIYZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
EL5220T
10
FN6892.0
May 4, 2010
FIGURE 27. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 28. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 29. BASIC TEST CIRCUIT
Typical Performance Curves (Continued)
6V STEP
1μs/DIV
VS = ±5V
TA = +25°C
AV = 1
RL = 10kΩ
CL = 8pF
VS = ±5V
TA = +25°C
AV = 1
RL = 10kΩ
CL = 8pF
100mV STEP
200ns/DIV
VINA+
VOUTA
THERMAL PAD
CONNECTED TO VS-
(DFN ONLY)
49.9
VOUTB
EL5220T
(8LD MSOP/DFN SHOWN)
VINB+
49.9
4.7μF
0.1μF
+
RFA
VOUTA
VINA-
VINA+
VOUTB
VINB-
VINB+
1
2
3
7
6
5
4
4.7μF
0.1μF
+
8
RLA
RGA
CLA
VS-
VS-
VS+
RGB
RLB
RFB
CLB
VS+


Similar Part No. - EL5220TIYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5220TIYZ INTERSIL-EL5220TIYZ Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220TIYZ RENESAS-EL5220TIYZ Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220TIYZ-T13 INTERSIL-EL5220TIYZ-T13 Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220TIYZ-T13 RENESAS-EL5220TIYZ-T13 Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220TIYZ-T7 INTERSIL-EL5220TIYZ-T7 Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results

Similar Description - EL5220TIYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com