Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420TIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5420TIRZ
Description  12MHz Rail-to-Rail Input-Output Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420TIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5420TIRZ Datasheet HTML 2Page - Intersil Corporation EL5420TIRZ Datasheet HTML 3Page - Intersil Corporation EL5420TIRZ Datasheet HTML 4Page - Intersil Corporation EL5420TIRZ Datasheet HTML 5Page - Intersil Corporation EL5420TIRZ Datasheet HTML 6Page - Intersil Corporation EL5420TIRZ Datasheet HTML 7Page - Intersil Corporation EL5420TIRZ Datasheet HTML 8Page - Intersil Corporation EL5420TIRZ Datasheet HTML 9Page - Intersil Corporation EL5420TIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN6838.1
September 8, 2015
Typical Performance Curves
FIGURE 1. INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2. INPUT OFFSET VOLTAGE DRIFT (TSSOP, SOIC)
FIGURE 3. INPUT OFFSET VOLTAGE DRIFT (QFN)
FIGURE 4. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 5. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 6. OUTPUT HIGH VOLTAGE vs TEMPERATURE
0
400
800
1200
1600
2000
2400
2800
3200
-8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8
INPUT OFFSET VOLTAGE (mV)
VS = ±5V
TA = +25°C
TYPICAL
PRODUCTION
DISTRIBUTION
0
5
10
15
20
25
30
35
2
4
6
8 10 12 14 16 18 20 22 24 26 28
INPUT OFFSET VOLTAGE DRIFT (|µV|/°C)
TYPICAL
PRODUCTION
DISTRIBUTION
VS= ±5V
-40°C TO +85°C
0
5
10
15
20
25
30
01
10 11
INPUT OFFSET VOLTAGE DRIFT (|µV|/°C)
TYPICAL
PRODUCTION
DISTRIBUTION
VS= ±5V
-40°C to +85°C
2
3456
789
12
-2.5
0.0
2.5
5.0
7.5
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
-2
-1
0
1
2
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
4.89
4.91
4.93
4.95
-50
0
50
100
150
TEMPERATURE (°C)
IOUT = 5mA
VS = ±5V
EL5420T


Similar Part No. - EL5420TIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420TIRZ INTERSIL-EL5420TIRZ Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420TIRZ RENESAS-EL5420TIRZ Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results

Similar Description - EL5420TIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com