Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420TIRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5420TIRZ
Description  12MHz Rail-to-Rail Input-Output Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420TIRZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL5420TIRZ Datasheet HTML 1Page - Intersil Corporation EL5420TIRZ Datasheet HTML 2Page - Intersil Corporation EL5420TIRZ Datasheet HTML 3Page - Intersil Corporation EL5420TIRZ Datasheet HTML 4Page - Intersil Corporation EL5420TIRZ Datasheet HTML 5Page - Intersil Corporation EL5420TIRZ Datasheet HTML 6Page - Intersil Corporation EL5420TIRZ Datasheet HTML 7Page - Intersil Corporation EL5420TIRZ Datasheet HTML 8Page - Intersil Corporation EL5420TIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FN6838.1
EL5420T
12MHz Rail-to-Rail Input-Output
Operational Amplifier
The EL5420T is a low power, high voltage rail-to-rail
input-output amplifier. The EL5420T contains four amplifiers.
Each amplifier exhibits beyond the rail input capability,
rail-to-rail output capability and is unity gain stable.
The maximum operating voltage range is from 4.5V to 19V. It
can be configured for single or dual supply operation, and
typically consumes only 500µA per amplifier. The EL5420T
has an output short circuit capability of ±200mA and a
continuous output current capability of ±70mA.
The EL5420T features a slew rate of 12V/µs. Also, the
device provides common mode input capability beyond the
supply rails, rail-to-rail output capability, and a bandwidth of
12MHz (-3dB). This enables the amplifiers to offer maximum
dynamic range at any supply voltage. These features make
the EL5420T an ideal amplifier solution for use in TFT-LCD
panels as a VCOM or static gamma buffer, and in high speed
filtering and signal conditioning applications. Other
applications include battery power and portable devices,
especially where low power consumption is important.
The EL5420T is available in a 14 Ld TSSOP package,
14 Ld SOIC package, and a space saving thermally
enhanced 16 Ld QFN package. All feature a standard
operational amplifier pin out. The devices operate over an
ambient temperature range of -40°C to +85°C.
Features
• 12MHz (-3dB) Bandwidth
• 4.5V to 19V Maximum Supply Voltage Range
• 12V/µs Slew Rate
• 500µA Supply Current (per Amplifier)
• ±70mA Continuous Output Current
• ±200mA Output Short Circuit Current
• Unity-gain Stable
• Beyond the Rails Input Capability
• Rail-to-rail Output Swing
• Built-in Thermal Protection
• -40°C to +85°C Ambient Temperature Range
• Pb-free (RoHS compliant)
Applications
• TFT-LCD Panels
•VCOM Amplifiers
• Static Gamma Buffers
• Electronics Notebooks
• Electronics Games
• Touch-screen Displays
• Personal Communication Devices
• Personal Digital Assistants (PDA)
• Portable Instrumentation
• Sampling ADC Amplifiers
• Wireless LANs
• Office Automation
• Active Filters
• ADC/DAC Buffer
Ordering Information
PART NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
EL5420TILZ* (No longer
available or supported)
5420TIL Z 16 Ld QFN
MDP0046
EL5420TIRZ*
5420TIR Z 14 Ld TSSOP MDP0044
EL5420TISZ*(No longer
available or supported)
5420TIS Z 14 Ld SOIC
MDP0027
*Add “-T7” or “-T13” suffix for tape and reel.Please refer to TB347
for details on reel specifications
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 8, 2015
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas LLC 2009, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5420TIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420TIRZ INTERSIL-EL5420TIRZ Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420TIRZ RENESAS-EL5420TIRZ Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results

Similar Description - EL5420TIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com