Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420TISZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5420TISZ
Description  12MHz Rail-to-Rail Input-Output Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420TISZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL5420TISZ Datasheet HTML 1Page - Intersil Corporation EL5420TISZ Datasheet HTML 2Page - Intersil Corporation EL5420TISZ Datasheet HTML 3Page - Intersil Corporation EL5420TISZ Datasheet HTML 4Page - Intersil Corporation EL5420TISZ Datasheet HTML 5Page - Intersil Corporation EL5420TISZ Datasheet HTML 6Page - Intersil Corporation EL5420TISZ Datasheet HTML 7Page - Intersil Corporation EL5420TISZ Datasheet HTML 8Page - Intersil Corporation EL5420TISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN6838.1
September 8, 2015
Electrical Specifications
VS+ = +18V, VS- = 0V, RL = 10k to 9V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 9V
4
15
mV
TCVOS
Average Offset Voltage Drift (Note 4)
14 LD TSSOP, SOIC package
7
µV/°C
16 LD QFN package
2
µV/°C
IB
Input Bias Current
VCM = 9V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+18.5
V
CMRR
Common-Mode Rejection Ratio
For VINx from -0.5V to +18.5V
53
78
dB
AVOL
Open Loop Gain
0.5V
VOUTx 17.5V
75
90
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -9mA
100
150
mV
VOH
Output Swing High
IL = +9mA
17.85
17.90
V
ISC
Short Circuit Current
VCM = 9V, Source: VOUTx short to VS-,
Sink: VOUTx short to VS+
±200
mA
IOUT
Output Current
±70
mA
POWER SUPPLY PERFORMANCE
(VS+) - (VS-)
Supply Voltage Range
4.5
19
V
IS
Supply Current (Per Amplifier)
VCM = 9V, No load
550
750
µA
PSRR
Power Supply Rejection Ratio
Supply is moved from 4.5V to 19V60
75
dB
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 5)
1V
VOUTx 17V, 20% to 80%
12
V/µs
tS
Settling to +0.1% (Note 6)
AV = +1, VOUTx = 2V step,
RL= 10k, CL= 8pF
500
ns
BW
-3dB Bandwidth
RL= 10k, CL= 8pF
12
MHz
GBWP
Gain-Bandwidth Product
AV = -50, RF = 5kRG= 100
RL= 10k, CL= 8pF
8MHz
PM
Phase Margin
AV = -50, RF = 5kRG= 100
RL= 10k, CL= 8pF
50
°
CS
Channel Separation
f = 5MHz
75
dB
NOTES:
4. Measured over -40°C to +85°C ambient operating temperature range. See the typical TCVOS production distribution shown in the
“Typical Performance Curves” on page 6
5. Typical slew rate is an average of the slew rates measured on the rising (20%-80%) and the falling (80%-20%) edges of the output signal.
6. Settling time measured as the time from when the output level crosses the final value on rising/falling edge to when the output level settles within
a ±0.1% error band. The range of the error band is determined by: Final Value(V)±[Full Scale(V)*0.1%]
EL5420T


Similar Part No. - EL5420TISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420TISZ INTERSIL-EL5420TISZ Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420TISZ RENESAS-EL5420TISZ Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results

Similar Description - EL5420TISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com