Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7516IYZ-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7516IYZ-T13
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7516IYZ-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7516IYZ-T13 Datasheet HTML 1Page - Intersil Corporation EL7516IYZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7516IYZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7516IYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7516IYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7516IYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7516IYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7516IYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7516IYZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN7333.6
October 9, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
LX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
VDD to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
COMP, FB, SHDN, SS, FSEL to GND . . . . . . . -0.3V to (VDD +0.3V)
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Ambient Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VIN = 3.3V, VOUT = 12V, IOUT = 0mA, FSEL = GND, TA = +25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
IQ1
Quiescent Current - Shut-down
SHDN = 0V
0.6
10
µA
IQ2
Quiescent Current - Not Switching
SHDN = VDD, FB = 1.3V
0.7
mA
IQ3
Quiescent Current - Switching
SHDN = VDD, FB = 1.0V
1.3
2
mA
VFB
Feedback Voltage
1.272
1.294
1.309
V
IB-FB
Feedback Input Bias Current
0.01
0.5
µA
VDD
Start-Up Input Voltage Range
2.6
5.5
V
DMAX - 600kHz Maximum Duty Cycle
FSEL = 0V
84
90
%
DMAX - 1.2MHz Maximum Duty Cycle
FSEL = VDD
84
90
%
ILIM
Current Limit - Max Peak Input Current
1.3
1.5
A
ISHDN
Shut-down Input Bias Current
SHDN = 0V
0.01
0.1
µA
rDS-ON
Switch ON-Resistance
VDD = 2.7V, ILX = 1A
0.2
Ω
ILX-LEAK
Switch Leakage Current
VSW = 18V
0.01
3
µA
ΔV
OUT/ΔVIN
Line Regulation
3V < VIN < 5.5V, VOUT = 12V
0.1
%
ΔVOUT/ΔIOUT Load Regulation
VIN = 3.3V, VOUT = 12V, IO = 30mA to 200mA
6.7
mV/A
fOSC1
Switching Frequency Accuracy
FSEL = 0V
500
620
740
kHz
fOSC2
Switching Frequency Accuracy
FSEL = VDD
1000
1250
1500
kHz
VIL
SHDN, FSEL Input Low Level
0.5
V
VIH
SHDN, FSEL Input High Level
2.7
V
VIL
SHDN, Input Low Level
5V Input Supply
1.25
V
VIH
SHDN, Input High Level
5V Input Supply
4.5
V
GM
Error Amp Tranconductance
ΔI = 5µA
90
130
170
1µ/
Ω
AV
Voltage Gain
350
V/V
VDD-ON
VDD UVLO On Threshold
2.40
2.51
2.60
V
VDD-OFF
VDD UVLO Off Threshold
2.20
2.30
2.40
V
ISS
Soft-start Charge Current
4
6
8
µA
RCS
Current Sense Transresistance
0.08
V/A
OTP
Over-temperature Protection
130
°C
EL7516


Similar Part No. - EL7516IYZ-T13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516IYZ-T13 IRF-EL7516IYZ-T13 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IYZ-T13 INTERSIL-EL7516IYZ-T13 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IYZ-T13 INTERSIL-EL7516IYZ-T13 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IYZ-T13 INTERSIL-EL7516IYZ-T13 Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516IYZ-T13 RENESAS-EL7516IYZ-T13 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com