Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L1610MC-90 Datasheet(PDF) 10 Page - Macronix International

Part # MX23L1610MC-90
Description  3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L1610MC-90 Datasheet(HTML) 10 Page - Macronix International

Back Button MX23L1610MC-90 Datasheet HTML 3Page - Macronix International MX23L1610MC-90 Datasheet HTML 4Page - Macronix International MX23L1610MC-90 Datasheet HTML 5Page - Macronix International MX23L1610MC-90 Datasheet HTML 6Page - Macronix International MX23L1610MC-90 Datasheet HTML 7Page - Macronix International MX23L1610MC-90 Datasheet HTML 8Page - Macronix International MX23L1610MC-90 Datasheet HTML 9Page - Macronix International MX23L1610MC-90 Datasheet HTML 10Page - Macronix International MX23L1610MC-90 Datasheet HTML 11Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
P/N:PM0243
REV. 3.0, JUL. 08, 2005
MX23L1610
REVISION HISTORY
REVISION
DESCRIPTION
PAGE
DATE
1.9
1. Package Type:Add 42-PDIP package type.
JUN/11/1998
2. DC Characteristics:The input low voltage VIL Max. value is
changed as 0.2xVCC instead of 0.8V.
3. AC Characteristics:The output high Z delay is changed as
20ns instead of 70ns.
4. Add 105ns speed grade.
5. Add 100ns speed grade @3.3V±5%
6. AC Test Conditions:The output timing level is changed as
1.4V instead of 0.8V and 2.0V.
2.0
AC CHARACTERISTICS tOH 10ns-->0ns
P4
FEB/01/1999
2.1
Typing error correction
P1
JAN/18/2000
2.2
1.Added 44-pin TSOP (Type II) Package
P1,8
JUL/18/2001
2.Modify Package Information
P5~7
2.3
1.Add 90ns speed grade
P1,3
JUL/31/2001
2.Delete 105ns speed grade
P1,3
2.4
1.Added 70ns speed grade
P1,3
AUG/14/2001
2.5
Change VOH(MIN.):2.3V-->2.4V; VIH(MIN.):2.1V-->2.2V
P3
AUG/15/2001
2.6
Modify Package Information
P5~9
NOV/21/2002
2.7
Modify 42-PDIP Package Information
P5
JUN/20/2003
2.8
1. Add Pb-free in ordering information
P2
JUN/30/2004
2.9
Correct typo error
P2
NOV/09/2004
3.0
1. Added MX23L1610MI-12G in order information
P2
JUL/08/2005


Similar Part No. - MX23L1610MC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-10 MCNIX-MX23L1611MC-10 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-10G MCNIX-MX23L1611MC-10G Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-12 MCNIX-MX23L1611MC-12 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-12G MCNIX-MX23L1611MC-12G Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
More results

Similar Description - MX23L1610MC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Generalplus Technology ...
GPR23L1611D GENERALPLUS-GPR23L1611D Datasheet
187Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Macronix International
MX23C1611 MCNIX-MX23C1611 Datasheet
477Kb / 9P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23C3210 MCNIX-MX23C3210 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C3211 MCNIX-MX23C3211 Datasheet
514Kb / 8P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com