Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L1610MC-10 Datasheet(PDF) 4 Page - Macronix International

Part # MX23L1610MC-10
Description  3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L1610MC-10 Datasheet(HTML) 4 Page - Macronix International

  MX23L1610MC-10 Datasheet HTML 1Page - Macronix International MX23L1610MC-10 Datasheet HTML 2Page - Macronix International MX23L1610MC-10 Datasheet HTML 3Page - Macronix International MX23L1610MC-10 Datasheet HTML 4Page - Macronix International MX23L1610MC-10 Datasheet HTML 5Page - Macronix International MX23L1610MC-10 Datasheet HTML 6Page - Macronix International MX23L1610MC-10 Datasheet HTML 7Page - Macronix International MX23L1610MC-10 Datasheet HTML 8Page - Macronix International MX23L1610MC-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
P/N:PM0243
REV. 3.0, JUL. 08, 2005
MX23L1610
AC Test Conditions
Input Pulse Levels
0.4V~ 2.4V
Input Rise and Fall Times
10ns
Input Timing Level
1.4V
Output Timing Level
1.4V
Output Load
See Figure
TIMING DIAGRAM
RANDOM READ
Note:
No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=1.6mA
IOH (load)=-0.4mA
tACE
tAA
tOH
tHZ
ADD
ADD
ADD
ADD
CE
OE
DATA
Note:CE, OE are enable
VALID
VALID
VALID
tRC
tOE
AC CHARACTERISTICS (Ta = 0
° C ~ 70° C, VCC = 3.0V~3.6V)
Item
Symbol 23L1610-70
23L1610-90
23L1610-10
23L1610-12
23L1610-15
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
70ns
-
90ns
-
100ns
-
120ns
-
150ns -
Address Access Time
tAA
-
70ns
-
90ns
-
100ns
-
120ns
-
150ns
Chip Enable Access Time
tACE
-
70ns
-
90ns
-
100ns
-
120ns
-
150ns
Output Enable Time
tOE
-
35ns
-
45ns
-
50ns
-
60ns
-
70ns
Output Hold After Address tOH
0ns
-
0ns
-
0ns
-
0ns
-
0ns
-
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
-
20ns
-
20ns
Note:Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by
design over the full voltage and temperature operating range - not tested.


Similar Part No. - MX23L1610MC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-10 MCNIX-MX23L1611MC-10 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-10G MCNIX-MX23L1611MC-10G Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-12 MCNIX-MX23L1611MC-12 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23L1611MC-12G MCNIX-MX23L1611MC-12G Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
More results

Similar Description - MX23L1610MC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1611 MCNIX-MX23L1611 Datasheet
478Kb / 9P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Generalplus Technology ...
GPR23L1611D GENERALPLUS-GPR23L1611D Datasheet
187Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
logo
Macronix International
MX23C1611 MCNIX-MX23C1611 Datasheet
477Kb / 9P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
MX23C3210 MCNIX-MX23C3210 Datasheet
770Kb / 11P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C3211 MCNIX-MX23C3211 Datasheet
514Kb / 8P
   5 Volt 32-Mbit (4M x 8 / 2M x 16) Mask ROM with Page Mode
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com