Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L3210MC-10 Datasheet(PDF) 1 Page - Macronix International

Part # MX23L3210MC-10
Description  32M-BIT (4M x 8 / 2M x 16) Mask ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3210MC-10 Datasheet(HTML) 1 Page - Macronix International

  MX23L3210MC-10 Datasheet HTML 1Page - Macronix International MX23L3210MC-10 Datasheet HTML 2Page - Macronix International MX23L3210MC-10 Datasheet HTML 3Page - Macronix International MX23L3210MC-10 Datasheet HTML 4Page - Macronix International MX23L3210MC-10 Datasheet HTML 5Page - Macronix International MX23L3210MC-10 Datasheet HTML 6Page - Macronix International MX23L3210MC-10 Datasheet HTML 7Page - Macronix International MX23L3210MC-10 Datasheet HTML 8Page - Macronix International MX23L3210MC-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
P/N:PM0370
REV. 3.1, MAY 19, 2004
32M-BIT (4M x 8 / 2M x 16) Mask ROM
FEATURES
• Bit organization
- 4M x 8 (byte mode)
- 2M x 16 (word mode)
• Fast access time
- Random access:70ns (max.) for 3.0V~3.6V
90ns (max.) for 2.7V~3.6V
• Current
- Operating:40mA
- Standby:15uA
• Supply voltage
- 2.7V~3.6V
• Package
- 44 pin SOP (500mil)
- 48 pin TSOP (12mm x 20mm)
- 44 pin TSOP (Type II)
ORDER INFORMATION
Part No.
Access Time
Package
MX23L3210MC-10
100ns
44 pin SOP
MX23L3210MC-12
120ns
44 pin SOP
MX23L3210MC-15
150ns
44 pin SOP
MX23L3210TC-70
70ns
48 pin TSOP
MX23L3210TC-90
90ns
48 pin TSOP
MX23L3210TC-10
100ns
48 pin TSOP
MX23L3210TC-12
120ns
48 pin TSOP
MX23L3210TC-15
150ns
48 pin TSOP
MX23L3210RC-70
70ns
48 pin TSOP
(Reverse type)
MX23L3210RC-90
90ns
48 pin TSOP
(Reverse type)
MX23L3210RC-10
100ns
48 pin TSOP
(Reverse type)
MX23L3210RC-12
120ns
48 pin TSOP
(Reverse type)
MX23L3210RC-15
150ns
48 pin TSOP
(Reverse type)
MX23L3210YC-10
100ns
44 pin TSOP
MX23L3210YC-12
120ns
44 pin TSOP
PIN DESCRIPTION
Symbol
Pin Function
A0~A20
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15 (Word Mode)/ LSB Address
(Byte Mode)
CE
Chip Enable Input
OE
Output Enable Input
Byte
Word/ Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
PIN CONFIGURATION
44 SOP/ 44 TSOP
MODE SELECTION
CE
OE
Byte
D15/A-1
D0~D7
D8~D15
Mode
Power
H
X
X
X
High Z
High Z
-
Stand-by
L
H
X
X
High Z
High Z
-
Active
L
L
H
Output
D0~D7
D8~D15
Word
Active
L
L
L
Input
D0~D7
High Z
Byte
Active
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
D0
D8
D1
D9
D2
D10
D3
D11
A20
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
VSS
D15/A-1
D7
D14
D6
D13
D5
D12
D4
VCC
MX23L3210


Similar Part No. - MX23L3210MC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211MC-10 MCNIX-MX23L3211MC-10 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211MC-10G MCNIX-MX23L3211MC-10G Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211MC-12 MCNIX-MX23L3211MC-12 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211MC-12G MCNIX-MX23L3211MC-12G Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
More results

Similar Description - MX23L3210MC-10

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com