Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1550IRZ-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL1550IRZ-T13
Description  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1550IRZ-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL1550IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ISL1550
11
FN6795.0
March 16, 2012
Applications Information
Product Description
The ISL1550 is a dual operational amplifier designed for line driving
in DMT VDSL2 8MHz, 12MHz, 17MHz and 30MHz bandplans
solutions. It is a current mode feedback amplifier with low distortion
drawing moderately low supply current. Due to the current feedback
architecture, the ISL1550 closed-loop 3dB bandwidth is dependent
on the value of the feedback resistor. First, the desired bandwidth is
selected by choosing the feedback resistor, RF, and then the gain is
set by picking the gain resistor, RG (Figure 3).
VDSL CO Applications
The ISL1550 is designed as a VDSL line driver for CO. At an
output current of ±450mA, the typical supply voltage headroom
is 1.5V on each side of the differential output.
The average line power requirement for the VDSL CO application
is 20dBm (100mW) into a 100
Ω line. The average line voltage is
3.16VRMS. The VDSL DMT peak-to-average ratio (crest factor) of
5.3 implies peak voltage of 16.8VP into the line. Using a
differential drive configuration and transformer coupling with
standard back termination, a transformer ratio of 1:2.5 is
selected. The active termination technique provides better power
efficiency by reducing the backmatch resistor by a factor of
K = 5. Positive feedback resistors, RP, can be sized to make the
effective backmatch impedance larger. The circuit configuration
is shown in Figure 35.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit board
layout is necessary for optimum performance. Ground plane
construction is highly recommended. Lead lengths should be as
short as possible (below 0.25”). The power supply pins must be
well bypassed to reduce the risk of oscillation. A 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor is adequate
for each supply pin. During power-up, it is necessary to limit the
slew rate of the rising power supply to less than 1V/µs. If the
power supply rising time is undetermined, a series 10
Ω resistor
on the power supply line before the decoupling caps can be used
to ensure the proper power supply rise time.
For good AC performance, parasitic capacitances should be kept
to a minimum, especially at the inverting input. This implies
keeping the ground plane away from this pin. Carbon or metal
film resistors are acceptable, while use of wire-wound resistors
should be avoided because of their parasitic inductance.
Similarly, capacitors should be low inductance for best
performance.
Capacitance at the Inverting Input
Due to the topology of the current feedback amplifier, stray
capacitance at the inverting input will affect the AC and transient
performance of the ISL1550 when operating in the non-inverting
configuration.
Feedback Resistor Values
The ISL1550 has been designed and specified with RF =1.5kΩ
for AV = +5 (Figure 3). As is the case with all current feedback
amplifiers, wider bandwidth at the expense of slight peaking, can
be obtained by reducing the value of the feedback resistor.
Inversely, larger values of the feedback resistor will cause rolloff
to occur at a lower frequency.
Quiescent Current vs Temperature
The ISL1550 was designed to slightly increase quiescent current
with temperature to maintain good distortion performance at
high temperatures. Refer to “Typical Performance Curves”
beginning on page 5.
Supply Voltage Range
The ISL1550 has been designed to operate with supply voltages
from ±4.0V to ±6.6V nominal. Optimum bandwidth, slew rate,
and video characteristics are obtained at higher supply voltages.
Single Supply Operation
If a single supply is desired, values from +8.0V to +13.2V
nominal can be used as long as the input common mode range
is not exceeded. When using a single supply, be sure to either,
1. DC bias the inputs at an appropriate common mode voltage
and AC-couple the signal, or
2. Ensure the driving signal is within the common mode range of
the ISL1550.
-
+
-
+
TX1
1:2.5
12.5/k
12.5/k
1.5k
Ω
AFE
100
FIGURE 35. CIRCUIT CONFIGURATION
RP
Ω
RP
750
Ω
750
Ω
RP = RF(K/(K-1))


Similar Part No. - ISL1550IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1550IRZ-T13 INTERSIL-ISL1550IRZ-T13 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550IRZ-T13 RENESAS-ISL1550IRZ-T13 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
More results

Similar Description - ISL1550IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com