Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24201IRTZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL24201IRTZ
Description  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24201IRTZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL24201IRTZ Datasheet HTML 1Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 2Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 3Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 4Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 5Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 6Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 7Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 8Page - Intersil Corporation ISL24201IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ISL24201
5
FN7586.1
December 9, 2010
Application Information
The ISL24201 provides the ability to adjust the VCOM voltage
during production test and alignment, under digital control, to
minimize the flicker of an LCD panel. A digitally controlled
potentiometer (DCP), with 256 steps of resolution, adjusts the sink
current of the OUT pin. Figure 3 shows the VCOM adjustment using
a mechanical potentiometer circuit and the equivalent circuit
replacement with the ISL24201.
The output is connected to an external voltage divider, as shown in
Figure 3, so that the ISL24201 will have the ability to reduce the
voltage on the output by increasing the OUT pin sink current. The
amount of current sunk is controlled by the I2C serial interface.
I2C TIMING
fCLK
I2C Clock Frequency
400
kHz
tSCH
I2C Clock High Time
0.6
µs
tSCL
I2C Clock Low Time
1.3
µs
tDSP
I2C Spike Rejection Filter Pulse Width
050
ns
tSDS
I2C Data Set Up Time
250
ns
tSDH
I2C Data Hold Time
250
ns
tBUF
I2C Time Between Stop and Start
200
µs
tSTS
I2C Repeated Start Condition Set-up
0.6
µs
tSTH
I2C Repeated Start Condition Hold
0.6
µs
tSPS
I2C Stop Condition Set-up
0.6
µs
CSDA
SDA Pin Capacitance
10
pF
CS
SCL Pin Capacitance
10
pF
tW
EEPROM Write Cycle Time
100
ms
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Test Conditions: VDD = 3.3V, AVDD = 18V, RSET= 5kΩ, R1 = 10kΩ, R2 = 10kΩ, (See Figure 5); unless otherwise
specified. Typicals are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
OUT
SET
ISL24201
or
ISL24202
R1
R2
AVDD
AVDD
VCOM
IOUT
VDD
RSET
RA
RC
AVDD
VCOM
RB
R1 = RA
R2 = RB+RC
RSET = RARB + RARC
20RB
FIGURE 3. MECHANICAL ADJUSTMENT REPLACEMENT


Similar Part No. - ISL24201IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
logo
Renesas Technology Corp
ISL24201IRTZ RENESAS-ISL24201IRTZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ-EVALZ INTERSIL-ISL24201IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
logo
Renesas Technology Corp
ISL24201IRTZ-EVALZ RENESAS-ISL24201IRTZ-EVALZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

Similar Description - ISL24201IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com