Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24202IRTZ-EVALZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL24202IRTZ-EVALZ
Description  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24202IRTZ-EVALZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL24202IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ISL24202
7
FN7587.0
March 15, 2011
Determination of RSET
The ultimate goal for the ISL24202 is to generate an adjustable
voltage between two endpoints, VCOM_MIN and VCOM_MAX, with
a fixed power supply voltage, AVDD. This is accomplished by
choosing the correct values for RSET, R1 and R2. The exact value
of RSET is not critical. Values from 1k to more than 100k will
work under most conditions. The following expression calculates
the minimum RSET value:
Note that this is the absolute minimum value for RSET. Larger
RSET values reduce quiescent power, since R1 and R2 are
proportional to RSET. The ISL24202 is tested with a 5kΩ RSET.
Determination of R1 and R2
With AVDD, VCOM(MIN) and VCOM(MAX) known and RSET chosen
per the above requirements, R1 and R2 can be determined using
Equations 6 and 7:
Final Transfer Function
The voltage at the OUT pin can be calculated from Equation 8:
With external amplifier A2 in the unity-gain configuration,
VOUT =VCOM.
Example
As an example, suppose the AVDD supply is 15V, the desired
VCOM_MIN = 6.5V and the desired VCOM_MAX = 8.5V. RSET is
arbitrarily chosen to be 7.5kΩ.
First, verify that our chosen RSET meets the minimum
requirement described in Equation 5:
Using Equations 6 and 7, calculate the values of R1 and R2:
Table 1 shows the resulting VCOM voltage as a function of register
value for these conditions.
Output Voltage Span Calculation
It is also possible to calculate VCOM(MIN) and VCOM(MAX) from the
existing resistor values.
VCOM_MIN occurs when the greatest current, IOUT(MAX), is drawn
from the middle node of the R1/R2 divider. Substituting
RegisterValue = 255 into Equation 8 gives the following:
Similarly, RegisterValue = 0 for VCOM(MAX):
By finding the difference of Equation 13 and Equation 12, the total
span of VCOM can be found:
RSET MIN
()
AVDD
16
--------------
VOUT MIN
()
AVDD
20
--------------
⎝⎠
⎛⎞
------------------------------------------------------
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎜⎟
⎛⎞
k
Ω
()
=
(EQ. 5)
R1
5120 RSET
VCOM MAX
() VCOM MIN
()
256 VCOM MAX
()
VCOM MIN
()
---------------------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 6)
R2
5120 RSET
VCOM MAX
() VCOM MIN
()
255 AVDD
VCOM MIN
() 256 VCOM MAX
()
+
---------------------------------------------------------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 7)
VOUT
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
RegisterValue 1
+
256
---------------------------------------------------
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 8)
7.5k
Ω
()
RSET MIN
()
15
16
-------
6.5V
15
20
-------
⎝⎠
⎛⎞
------------------------------
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎛⎞
0.163k
Ω
==
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎛⎞
>
(EQ. 9)
TABLE 1. EXAMPLE VOUT vs REGISTER VALUE
REGISTER VALUE
VOUT (V)
08.49
20
8.34
40
8.18
60
8.02
80
7.87
100
7.71
120
7.55
127
7.50
140
7.40
160
7.24
180
7.09
200
6.93
220
6.77
240
6.62
255
6.50
R1
5120 7500
8.5 6.5
256 8.5
6.5
--------------------------------------
⎝⎠
⎛⎞
⋅⋅
35.4k
Ω
==
(EQ. 10)
R2
5120 7500
8.5 6.5
255 15
6.5 256 8.5
+
------------------------------------------------------------------
⎝⎠
⎛⎞
⋅⋅
46.4k
Ω
==
(EQ. 11)
VCOM MIN
()
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 12)
VCOM MAX
()
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
1
256
----------
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 13)
VCOMSPAN
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
1
256
----------
⎝⎠
⎛⎞
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 14)


Similar Part No. - ISL24202IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24202IRTZ-EVALZ INTERSIL-ISL24202IRTZ-EVALZ Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Renesas Technology Corp
ISL24202IRTZ-EVALZ RENESAS-ISL24202IRTZ-EVALZ Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

Similar Description - ISL24202IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com