Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL24211IRTZ-EVALZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL24211IRTZ-EVALZ
Description  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24211IRTZ-EVALZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL24211IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24211IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL24211
6
FN7585.0
February 23, 2011
Application Information
LCD panels have a VCOM (common voltage) that must be precisely
set to minimize flicker. Figure 3 shows a typical VCOM adjustment
circuit using a mechanical potentiometer, and the equivalent
circuit replacement using the ISL24211. Having a digital I2C
interface enables automatic, digital flicker minimization during
production test and alignment. After programming, the I2C
interface has no further use therefore, the ISL24211 automatically
powers up with the correct VCOM voltage programmed previously.
The ISL24211 uses a digitally controllable potentiometer (DCP),
with 256 steps of resolution (see Figure 4) to change the current
drawn at the DVR_OUT pin, which then changes the voltage
created by the R1 to R2 resistor divider (see Figure 5). The
DVR_OUT voltage is then buffered by A2 to generate a buffered
output voltage at the VCOM_OUT pin, capable of directly driving the
VCOM input of an LCD panel. The amount of current sunk is
controlled by the setting of the DCP, which is recalled at power-up
from the ISL24211’s internal EEPROM. The EEPROM is typically
programmed during panel manufacture. As noted in the
Electrical Specifications on page 4, the ISL24211 requires a
minimum AVDD voltage of 10.8V for EEPROM programming, but
will work in normal operation (with no EEPROM programming)
down to 4.5V.
DCP (Digitally Controllable Potentiometer)
The DCP controls the voltage that ultimately controls the SET
current. Figure 4 shows the relationship between the register
value and the DCP’s tap position. Note that a register value of 0
selects the first step of the resistor string. The output voltage of
the DCP is given in Equation 1:
Output Current Sink
Figure 5 shows the schematic of the DVR_OUT current sink. The
combination of amplifier A1, transistor Q1, and resistor RSET
forms a voltage-controlled current source, with the voltage
determined by the DCP setting.
The external RSET resistor sets the full-scale (maximum) sink current
that can be pulled from the DVR_OUT node. The relationship
between IDVR_OUT and Register Value is shown in Equation 2.
FIGURE 3. MECHANICAL ADJUSTMENT REPLACEMENT
DVR_OUT
SET
ISL24211
R1
R2
AVDD
AVDD
VCOM
IOUT
VDD
RSET
RA
RC
AVDD
VCOM
RB
R1 = RA
R2 = RB+RC
RSET = RARB + RARC
20RB
INN
VCOM_OUT
VDCP
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
=
(EQ. 1)
FIGURE 4. SIMPLIFIED SCHEMATIC OF DCP
AVDD
19R
R
0
1
2
255
254
253
252
251
REGISTER
VALUE
AVDD
20
VDCP
FIGURE 5. CURRENT SINK CIRCUIT
AVDD
RSET
VDCP
SET
DVR_OUT
AVDD
IOUT
R1
R2
VSAT
VSET = VDCP = IOUT * RSET
Q1
A1
VOUT
VCOM_OUT
INN
GND
A2
IDVR_OUT
IDVROUT
VDCP
RSET
-------------
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
1
RSET
-------------
⎝⎠
⎛⎞
==
(EQ. 2)


Similar Part No. - ISL24211IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24211IRTZ-EVALZ INTERSIL-ISL24211IRTZ-EVALZ Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24211IRTZ-EVALZ RENESAS-ISL24211IRTZ-EVALZ Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

Similar Description - ISL24211IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com