Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28127FBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28127FBZ
Description  Precision Single and Dual Low Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28127FBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28127FBZ Datasheet HTML 7Page - Intersil Corporation ISL28127FBZ Datasheet HTML 8Page - Intersil Corporation ISL28127FBZ Datasheet HTML 9Page - Intersil Corporation ISL28127FBZ Datasheet HTML 10Page - Intersil Corporation ISL28127FBZ Datasheet HTML 11Page - Intersil Corporation ISL28127FBZ Datasheet HTML 12Page - Intersil Corporation ISL28127FBZ Datasheet HTML 13Page - Intersil Corporation ISL28127FBZ Datasheet HTML 14Page - Intersil Corporation ISL28127FBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ISL28127, ISL28227
11
FN6633.7
September 10, 2015
FIGURE 21. INPUT OFFSET CURRENT DISTRIBUTION, VS = ±15V
FIGURE 22. INPUT OFFSET CURRENT DISTRIBUTION, VS = ±5V
FIGURE 23. VOH vs TEMPERATURE, VS = ±15V
FIGURE 24. VOL vs TEMPERATURE, VS = ±15V
FIGURE 25. OPEN-LOOP GAIN, PHASE vs FREQUENCY,
RL =10kCL = 10pF
FIGURE 26. OPEN-LOOP GAIN, PHASE vs FREQUENCY,
RL =10kCL = 100pF
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
0
20
30
50
60
70
-27
-18
-9
0
9
18
27
IOS TC (pA/°C)
40
10
VS = ±15V
0
20
25
40
45
50
-30 -24
-12
0
6
18 24
IOS TC (pA/°C)
30
15
VS = ±5V
35
10
5
-18
-6
12
30
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
13.2
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14.0
14.1
14.2
RL = 100k
RL = 2k
MEDIAN
50 UNITS
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
-14.2
-14.1
-14.0
-13.9
-13.8
-13.7
-13.6
-13.5
-13.4
-13.3
-13.2
-13.1
RL = 100k
RL = 2k
50 UNITS
MEDIAN
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m1m 10m100m 1 10 100 1k 10k100k1M 10M100M
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m1m 10m100m 1 10 100 1k 10k100k1M 10M100M
RL = 10k
SIMULATION
CL = 100pF
GAIN
PHASE


Similar Part No. - ISL28127FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127FBZ RENESAS-ISL28127FBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Similar Description - ISL28127FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com