Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL45041IRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL45041IRZ
Description  TFT-LCD I2C Programmable VCOM Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45041IRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL45041IRZ Datasheet HTML 1Page - Intersil Corporation ISL45041IRZ Datasheet HTML 2Page - Intersil Corporation ISL45041IRZ Datasheet HTML 3Page - Intersil Corporation ISL45041IRZ Datasheet HTML 4Page - Intersil Corporation ISL45041IRZ Datasheet HTML 5Page - Intersil Corporation ISL45041IRZ Datasheet HTML 6Page - Intersil Corporation ISL45041IRZ Datasheet HTML 7Page - Intersil Corporation ISL45041IRZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ISL45041
3
FN6189.5
October 30, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4V
Input Voltages to GND
SET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +4V
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +20V
Output Voltages to GND
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +AVDD
ESD Rating
Human Body Model
Device (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Input Pins (SCL, SDA) (Tested per JESD22-A114E) . . . . . . . . . . . . . . 4kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +85°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Ld TDFN Package (Notes 4, 5). . . . . . . . .
53
11
Moisture Sensitivity (see Technical Brief TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 2
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Test Conditions: VDD = 3.3V, AVDD = 18V, RSET = 5kΩ, R1 = 10kΩ, R2 = 10kΩ; (See Figure 2) Unless otherwise
specified. Typicals are at TA = +25°C. Boldface limits apply across the operating temperature range, 0°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNITS
POWER SUPPLY CHARACTERISTICS
VDD Supply Range Supporting EEPROM Programming
VDD
2.6
3.6
V
AVDD Supply Range Supporting EEPROM Programming
AVDD
10.8
18
V
VDD Supply Range for Wide-supply Operation
(not supporting EEPROM programming)
VDD
2.25
3.6
V
AVDD Supply Range for Wide-supply Operation
(not supporting EEPROM programming)
AVDD
2.6V < VDD < 3.6V
4.5
18
V
2.25V < VDD < 2.6V
4.5
13
V
VDD Supply Current
IDD
(Note 7)
65
µA
AVDD Supply Current
IAVDD
(Note 8)
38
µA
DC CHARACTERISTICS
SET Voltage Resolution
SETVR
7
7
7
Bits
SET Differential Nonlinearity
SETDN
Monotonic Over-temperature
1
LSB
SET Zero-scale Error
SETZSE
3
LSB
SET Full-scale Error
SETFSE
8
LSB
SET Current (RSET = 24.9kΩ and AVDD = 10V)
ISET
Through RSET (Note 11)20
µA
SET External Resistance
SETER
To GND, AVDD = 18V
5
200
To GND, AVDD = 4.5V
2.25
45
To GND, AVDD = 15V, VDD = 3V
VOUT > 2.5V (Note 12)
1.0
200
AVDD to SET Voltage Attenuation
AVDD to
SET
(Note 9)1:20
V/V
OUT Settling Time
OUTST
To
0.5 LSB Error Band
(Note 9)
8µs
OUT Voltage Range
VOUT
VSET + 0.5V
13
V
SET Voltage Drift
SETVD
25°C < TA < 55°C (Note 9)<10
mV


Similar Part No. - ISL45041IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
352Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
489Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Renesas Technology Corp
ISL45041IRZ RENESAS-ISL45041IRZ Datasheet
529Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Intersil Corporation
ISL45041IRZ-T INTERSIL-ISL45041IRZ-T Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
More results

Similar Description - ISL45041IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Renesas Technology Corp
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Intersil Corporation
ISL45041 INTERSIL-ISL45041 Datasheet
489Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041_1012 INTERSIL-ISL45041_1012 Datasheet
352Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Maxim Integrated Produc...
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
National Semiconductor ...
LM8342 NSC-LM8342 Datasheet
949Kb / 16P
   Programmable TFT VCOM Calibrator with Non-Volatile
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com